Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC895994 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LC895994
Description  CD-R Encoder/Decoder LSI with Built-in ATAPI (IDE) Interface
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC895994 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC895994 Datasheet HTML 1Page - Sanyo Semicon Device LC895994 Datasheet HTML 2Page - Sanyo Semicon Device LC895994 Datasheet HTML 3Page - Sanyo Semicon Device LC895994 Datasheet HTML 4Page - Sanyo Semicon Device LC895994 Datasheet HTML 5Page - Sanyo Semicon Device LC895994 Datasheet HTML 6Page - Sanyo Semicon Device LC895994 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
No. 5824-5/7
LC895994
Continued from preceding page.
Type: I: Input pin, O: Output pin, B: Bidirectional pin, P: Power supply pin, N: No connection pin
Pin No.
Pin Name
Type
Description
42
IO9
B
43
IO10
B
44
IO11
B
45
IO12
B
Data signal pins for ROM encoder/decoder DRAM, with pull-up resistors
46
IO13
B
47
IO14
B
48
IO15
B
49
VSS
P
50
RA0
O
51
RA1
O
52
RA2
O
53
RA3
O
54
RA4
O
Address signal pins for ROM encoder/decoder DRAM
55
RA5
O
56
RA6
O
57
RA7
O
58
RA8
O
59
RA9
O
60
VDD
P
61
VSS
P
62
RAS0
O
DRAM RAS signal output pins
63
RAS1
O
64
CAS0
O
DRAM CAS signal output pins
65
CAS1
O
66
OE
O
DRAM output enable signal output pin
67
UWE
O
DRAM upper write enable signal output pin
68
LWE
O
DRAM lower write enable signal output pin
69
TEST0
I
Test pin (connect to VSS)
70
VDD
P
71
EXCK
O
Subcode data read shift clock output pin
72
WFCK
I
Subcode frame synchronization input pin
73
SBSO
I
Subcode serial data input pin
74
SCOR
I
Subcode block synchronization input pin
75
VSS
P
76
BCK
I
Serial data input clock input pin
77
SDATA
I
Serial data input pin
78
LRCK
I
44.1-kHz strobe signal input pin
79
C2PO
I
C2 pointer input pin
80
VDD
P
81
VSS
P
82
HRST
I
83
DASP
B
IDE pins
84
CS3FX
I
85
CS1FX
I
86
VDD
P
87
DA2
I
88
DA0
I
IDE pins
89
PDIAG
B
Continued on next page.


Similar Part No. - LC895994

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC89590 SANYO-LC89590 Datasheet
159Kb / 7P
   CD-R LSI
LC895925 SANYO-LC895925 Datasheet
90Kb / 7P
   Signal Processing LSI for CD-R Drives
LC895926 SANYO-LC895926 Datasheet
68Kb / 7P
   CD-R Encoder/Decoder IC with Built-in SCSI Interface
More results

Similar Description - LC895994

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CL-CR3470 CIRRUS-CL-CR3470 Datasheet
122Kb / 4P
   ATAPI CD-R/RW Encoder/Decoder
July 1998
logo
Sanyo Semicon Device
LC895199K SANYO-LC895199K Datasheet
65Kb / 12P
   32 CD-ROM Decoder with ATAPI (IDE) Interface
LC898093 SANYO-LC898093 Datasheet
64Kb / 13P
   40쨈 Playback/12쨈 Write CD-R/RW Encoder/Decoder IC with Built-in ATAPI Interface
logo
NXP Semiconductors
SAA7391 PHILIPS-SAA7391 Datasheet
370Kb / 108P
   ATAPI CD-R block encoder/decoder
1997 Aug 01
logo
Sanyo Semicon Device
LC895926 SANYO-LC895926 Datasheet
68Kb / 7P
   CD-R Encoder/Decoder IC with Built-in SCSI Interface
LC897194 SANYO-LC897194 Datasheet
84Kb / 11P
   CD-ROM Decoder with Built-In ATAPI (IDE) and DVD ECC Interfaces
logo
NXP Semiconductors
SAA7381 PHILIPS-SAA7381 Datasheet
380Kb / 108P
   ATAPI CD-R block decoder
1997 Aug 12
logo
Sanyo Semicon Device
LC898023KW SANYO-LC898023KW Datasheet
80Kb / 13P
   40쨈 Playback/16쨈 Write CD-R/RW Encoder/Decoder IC with Built-in SCSI Interface
LC895195 SANYO-LC895195 Datasheet
64Kb / 8P
   ATA-PI (IDE) CD-ROM Decoder LSI
LC895198 SANYO-LC895198 Datasheet
54Kb / 10P
   CD-ROM Decoder for 32 x ATAPI (IDE) Drives
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com