Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APB3025YSGC-F01 Datasheet(PDF) 3 Page - Kingbright Corporation

Part # APB3025YSGC-F01
Description  3.0x2.5mm SURFACE MOUNT LED LAMP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APB3025YSGC-F01 Datasheet(HTML) 3 Page - Kingbright Corporation

  APB3025YSGC-F01_11 Datasheet HTML 1Page - Kingbright Corporation APB3025YSGC-F01_11 Datasheet HTML 2Page - Kingbright Corporation APB3025YSGC-F01_11 Datasheet HTML 3Page - Kingbright Corporation APB3025YSGC-F01_11 Datasheet HTML 4Page - Kingbright Corporation APB3025YSGC-F01_11 Datasheet HTML 5Page - Kingbright Corporation APB3025YSGC-F01_11 Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SPEC NO: DSAE5919
REV NO: V.8
DATE: FEB/25/2011
PAGE: 3 OF 6
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: D.M.Su
ERP: 1203000776
APB3025YSGC-F01
Yellow


Similar Part No. - APB3025YSGC-F01_11

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APB3025YSGC-F01 KINGBRIGHT-APB3025YSGC-F01 Datasheet
326Kb / 6P
   3.0x2.5mm SURFACE MOUNT LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
APB3025YSGC-F01 TO-GRACE-APB3025YSGC-F01 Datasheet
969Kb / 4P
   3.0 x 2.5 mm Surface Mount LED Lamp
More results

Similar Description - APB3025YSGC-F01_11

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APKB3025SURKMGK-F01 KINGBRIGHT-APKB3025SURKMGK-F01 Datasheet
157Kb / 5P
   3.0x2.5mm SURFACE MOUNT LED LAMP
APBL3025EYC-F01 KINGBRIGHT-APBL3025EYC-F01 Datasheet
352Kb / 6P
   3.0x2.5mm SURFACE MOUNT LED LAMP
APBL3025SRQGCPR-F01 KINGBRIGHT-APBL3025SRQGCPR-F01_15 Datasheet
261Kb / 6P
   3.0x2.5mm SURFACE MOUNT LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
APB3025CGKQWDF TO-GRACE-APB3025CGKQWDF Datasheet
1Mb / 7P
   3.0x2.5mm SURFACE MOUNT LED LAMP
APB3025EYC-F01 TO-GRACE-APB3025EYC-F01 Datasheet
964Kb / 4P
   3.0x2.5mm SURFACE MOUNT LED LAMP
APBL3025ESGC-F01 TO-GRACE-APBL3025ESGC-F01 Datasheet
1Mb / 6P
   3.0x2.5mm SURFACE MOUNT LED LAMP
APB3025SYKQWDF-AMT TO-GRACE-APB3025SYKQWDF-AMT Datasheet
2Mb / 9P
   3.0x2.5mm SURFACE MOUNT LED LAMP
logo
Kingbright Corporation
APB3025SRQGCPRV-F01 KINGBRIGHT-APB3025SRQGCPRV-F01 Datasheet
154Kb / 5P
   3.0x2.5mm SURFACE MOUNT LED LAMP
APB3025SURKCGKC-F01 KINGBRIGHT-APB3025SURKCGKC-F01 Datasheet
327Kb / 6P
   3.0x2.5mm SURFACE MOUNT LED LAMP
logo
SunLED Corporation
ZMDKBBA57W-1 SUNLED-ZMDKBBA57W-1 Datasheet
228Kb / 5P
   3.0x2.5mm SURFACE MOUNT LED LAMP
ZMDKVG57W-1 SUNLED-ZMDKVG57W-1 Datasheet
228Kb / 5P
   3.0x2.5mm SURFACE MOUNT LED LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com