Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C22345 Datasheet(PDF) 24 Page - Cypress Semiconductor

Part # CY8C22345
Description  PSoC Programmable System-on-Chip
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C22345 Datasheet(HTML) 24 Page - Cypress Semiconductor

Back Button CY8C22345 Datasheet HTML 20Page - Cypress Semiconductor CY8C22345 Datasheet HTML 21Page - Cypress Semiconductor CY8C22345 Datasheet HTML 22Page - Cypress Semiconductor CY8C22345 Datasheet HTML 23Page - Cypress Semiconductor CY8C22345 Datasheet HTML 24Page - Cypress Semiconductor CY8C22345 Datasheet HTML 25Page - Cypress Semiconductor CY8C22345 Datasheet HTML 26Page - Cypress Semiconductor CY8C22345 Datasheet HTML 27Page - Cypress Semiconductor CY8C22345 Datasheet HTML 28Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
CY8C21345
CY8C22345, CY8C22545
Document Number: 001-43084 Rev. *L
Page 24 of 35
AC Programming Specifications
Table 27 lists the guaranteed maximum and minimum specifications for the voltage and temperature ranges: 4.75V to 5.25V and -40°C
≤ T
A ≤ 85°C, or 3.0V to 3.6V and -40°C ≤ TA ≤ 85°C, respectively. Typical parameters apply to 5V, or 3.3V at 25°C and are for design
guidance only.
Table 27. AC Programming Specifications
Symbol
Description
Min
Typ
Max
Units
Notes
TRSCLK
Rise Time of SCLK
1
20
ns
TFSCLK
Fall Time of SCLK
1
20
ns
TSSCLK
Data Set up Time to Falling Edge of SCLK
40
ns
THSCLK
Data Hold Time from Falling Edge of SCLK
40
ns
FSCLK
Frequency of SCLK
0
8
MHz
FSCLK3
Frequency of SCLK3
0
6
MHz VDD < 3.6V
TERASEB
Flash Erase Time (Block)
10
ms
TWRITE
Flash Block Write Time
40
ms
TDSCLK
Data Out Delay from Falling Edge of SCLK
55
ns
3.6 < Vdd; at 30 pF Load
TDSCLK3
Data Out Delay from Falling Edge of SCLK
65
ns
3.0
≤ Vdd ≤ 3.6; at 30 pF Load
TERASEALL
Flash Erase Time (Bulk)
40
ns
TPROGRAM_HOT Flash Block Erase + Flash Block Write Time
100
ms
TPROGRAM_COLD Flash Block Erase + Flash Block Write Time
200
ms
[+] Feedback


Similar Part No. - CY8C22345

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C22345 CYPRESS-CY8C22345 Datasheet
797Kb / 27P
   PSoC Programmable System-on-Chip
CY8C22345 CYPRESS-CY8C22345 Datasheet
935Kb / 36P
   Automotive PSoC짰 Programmable System-on-Chip?
CY8C22345 CYPRESS-CY8C22345 Datasheet
960Kb / 34P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C22345 CYPRESS-CY8C22345 Datasheet
531Kb / 39P
   PSoC짰 Programmable System-on-Chip
Revised April 9, 2013
CY8C22345-12PVXE CYPRESS-CY8C22345-12PVXE Datasheet
935Kb / 36P
   Automotive PSoC짰 Programmable System-on-Chip?
More results

Similar Description - CY8C22345

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
CY8C34 CYPRESS-CY8C34 Datasheet
3Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C52 CYPRESS-CY8C52 Datasheet
2Mb / 85P
   Programmable System-on-Chip (PSoC)
PSOC4100S CYPRESS-PSOC4100S Datasheet
733Kb / 42P
   Programmable System-on-Chip (PSoC)
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
CY8C38 CYPRESS-CY8C38 Datasheet
3Mb / 100P
   Programmable System-on-Chip (PSoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com