Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC895297 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LC895297
Description  Full CAV 20 x CD-ROM Decoder with Built-in ATA-PI (IDE) Interface and CD-DSP
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC895297 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LC895297 Datasheet HTML 1Page - Sanyo Semicon Device LC895297 Datasheet HTML 2Page - Sanyo Semicon Device LC895297 Datasheet HTML 3Page - Sanyo Semicon Device LC895297 Datasheet HTML 4Page - Sanyo Semicon Device LC895297 Datasheet HTML 5Page - Sanyo Semicon Device LC895297 Datasheet HTML 6Page - Sanyo Semicon Device LC895297 Datasheet HTML 7Page - Sanyo Semicon Device LC895297 Datasheet HTML 8Page - Sanyo Semicon Device LC895297 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
No. 5785-3/9
LC895297
[INOUT]
(1) D0 to D7, IO0 to IO15
(3) DD0 to DD15, ZDASP, ZPDIAG
(10) IOP0 to IOP7
(15) DRESP, DREQ
Note: XTAL, XTALCK, R0, VCNT0, PDO0, R1, VCNT1, PO11, PO21, BSN1, R2, VCNT2, PO12, PO22, and BSN2
The above pins are not covered by the electrical characteristics.
The 1-bit D/A converter block pins are only measured using a logic tester; no analog measurements are performed.
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Input high-level voltage
VIH
Micro-signal amplifier. Applicable pins: EFMI
3.2
V
Input low-level voltage
VIL
1.8
V
Output high-level voltage
VOH
IOH = –4 mA. Applicable pins:
VDD – 2.1
V
EFMO and ZEFMO
Output low-level voltage
VOL
IOL = 4 mA. Applicable pins:
0.4
V
EFMO and ZEFMO
Input leakage current
IIL
VI = VSS, VDD: Applicable pins: EFMI
–10
+10
µA
Output leakage current
IOZ
In high-impedance mode: Applicable pins:
–10
+10
µA
EFMO and ZEFMO
Electrical Characteristics at Ta = –30 to +70°C, VSS = 0 V, VDD = 4.5 to 5.5 V
EFM Input and Output Signals
External Clock Generator PLL Circuit
Figure 1 PLL Circuit
While the circuit structure is fixed, the values of the components will vary with the circuit board capacitance and other application circuit parameters.
Symbol
Currently used value
Notes
R1
7.5 k
VCO adjustment resistor
R2
10 k
Low-pass filter resistor
R3
200
Low-pass filter phase compensation resistor
C1
0.1 µF
Low-pass filter capacitor
C2
0.1 µF
VCO bias stabilization capacitor


Similar Part No. - LC895297

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC895299L SANYO-LC895299L Datasheet
73Kb / 12P
   48 x Speed ATAPI (IDE) CD-ROM Decoder with On-Chip Digital Servo System
LC895299W SANYO-LC895299W Datasheet
73Kb / 12P
   48 x Speed ATAPI (IDE) CD-ROM Decoder with On-Chip Digital Servo System
More results

Similar Description - LC895297

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC895195 SANYO-LC895195 Datasheet
64Kb / 8P
   ATA-PI (IDE) CD-ROM Decoder LSI
LC895196 SANYO-LC895196 Datasheet
146Kb / 12P
   ATA-PI Compatible CD-ROM Decoder IC
LC895196K SANYO-LC895196K Datasheet
144Kb / 12P
   ATA-PI Compatible CD-ROM Decoder IC
LC895194 SANYO-LC895194 Datasheet
85Kb / 7P
   CD-ROM Error Correction LSI with On-Chip ATA-PI (IDE) Interface
LC895126 SANYO-LC895126 Datasheet
88Kb / 7P
   CD-ROM Decoder with Built-in SCSI Interface
LC895199K SANYO-LC895199K Datasheet
65Kb / 12P
   32 CD-ROM Decoder with ATAPI (IDE) Interface
LC897194 SANYO-LC897194 Datasheet
84Kb / 11P
   CD-ROM Decoder with Built-In ATAPI (IDE) and DVD ECC Interfaces
LC895994 SANYO-LC895994 Datasheet
65Kb / 7P
   CD-R Encoder/Decoder LSI with Built-in ATAPI (IDE) Interface
LC895198 SANYO-LC895198 Datasheet
54Kb / 10P
   CD-ROM Decoder for 32 x ATAPI (IDE) Drives
LC895127 SANYO-LC895127 Datasheet
53Kb / 8P
   40 x CD-ROM Decoder with SCSI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com