Electronic Components Datasheet Search |
|
D947 Datasheet(PDF) 1 Page - PETERMANN-TECHNIK |
|
D947 Datasheet(HTML) 1 Page - PETERMANN-TECHNIK |
1 / 7 page FEATURES - HIGH RELIABILITY FOR LOW COST - WIDE FREQUENCY RANGE - SMD PACKAGES WITH SMALL DIMENSIONS AND LOW PROFILE ONE - PORT & TWO - PORT SAW RESONATORS TYPE ∆∆∆∆ f0* (MHz) ∆∆∆∆ f0 (kHz) Insertion Loss (dB) PACKAGE Freq.-Temp.-Coeff. <2.5 for One-Port <7.5 for Two-Port <2.5 for One-Port <7.5 for Two-Port <2.5 for One-Port <7.5 for Two-Port <2.5 for One-Port <7.5 for Two-Port SAW-FILTER FOR REMOTE CONTROL dB MHz Other parameters and packages are available on request SAW-FILTER FOR COMMUNICATION dB MHz Other parameters and packages are available on request D1106(110.592MHz), D304TFN(304 MHz), D325TFN(325 MHz), D388(388MHz), D930(930.5MHz) D450 (402/406/410/414/418/422/426/430/430/434/438/442/446/450/454/458/462/466/470/474/478/482/486/ 490/492/494/498/502/506/510/514/518 MHz) - EXCELLENT ATTENUATION BEHAVIOUR PETERMANN-TECHNIK | Amselweg 8 | D-86916 Kaufering 0.032 ppm/°C² SR315 315.00 0.032 ppm/°C² +-75 / +-100 SR433 433.02 Fon: 00 49 (0) 81 91 / 30 53 95 | Fax: 00 49 (0) 81 91 / 30 53 97 T0-39 / F-11 / 5x5 SMD 0.032 ppm/°C² SR318 318.00 +-75 / +-100 T0-39 / F-11 / 5x5 SMD Other parameters and packages are available on request SR418 418.00 +-75 / +-100 T0-39 / F-11 / 5x5 SMD +-75 / +-100 T0-39 / F-11 / 5x5 SMD 0.032 ppm/°C² * The nominal center frequency (f0) range is from 200 MHz to 1 GHz T0-39 / F-11 SF433 433.92 3 2.5 T0-39 / F-11 f0 +-0.35 SF418 418.0 3 Package Band Width f0 +-0.35 f0 +-0.35 T0-39 / F-11 3 2.5 T0-39 / F-11 3 2.5 Insertion Loss (dB) TYPE Center Frequency (MHz) Insertion Loss (dB) f0 +-0.35 2.5 SF315 315.0 SF314 314.0 Package D150RFQ 138 ~ 174 3 f0 +-0.05 <5 F-11 TYPE Center Frequency (MHz) Band Width D280RFQ 278 ~ 284 3 f0 +-0.05 D150TFN 138 ~ 174 3 f0 +-4.0 3 f0 +-4.0 <5 F-11 <6.5 F-11 <4.5 F-11 <4.5 F-11 D280TFN 178 ~ 284 3 f0 +-3.3 D450TFN 400 ~ 500 Other Typical Types http://www.petermann-technik.de | info@petermann-technik.de PETERMANN TECHNIK Time & Frequency Components |
Similar Part No. - D947 |
|
Similar Description - D947 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |