Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

LC895196 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part No. LC895196
Description  ATA-PI Compatible CD-ROM Decoder IC
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

LC895196 Datasheet(HTML) 4 Page - Sanyo Semicon Device

 
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Pin Functions
The LC895196 can be set to the opposite of the ATAPI pin layout using the setting of pin 29.
Pin 29 ATPINSEL = 0
No. 5737-4/12
LC895196
Pin No.
Symbol
Type
Function
1
VSS0
P
2
ZRAS0
O
RAS signal output pin 0 to the buffer DRAM (Normally uses 0).
3
ZRAS1
O
RAS signal output pin 1 to the buffer DRAM
4
ZCAS0
O
CAS signal output pin 0 to the buffer DRAM (Normally uses 0).
5
ZCAS1
O
CAS signal output pin 1 to the buffer DRAM
6
ZOE
O
Buffer DRAM output enable
7
ZUWE
O
Buffer DRAM upper write enable
8
ZLWE
O
Buffer DRAM lower write enable
9
VSS0
P
10
RA0
O
11
RA1
O
12
RA2
O
13
RA3
O
Address signal output pins to the data buffer DRAM
14
RA4
O
15
RA5
O
16
RA6
O
17
RA7
O
18
VDD
P
19
VSS0
P
20
RA8
O
Address signal output pins to the data buffer DRAM
21
RA9
O
22
IO0
B
23
IO1
B
24
IO2
B
Data I/O pin to the data buffer DRAM.
25
IO3
B
Built-in pull-up resistor.
26
IO4
B
27
IO5
B
28
IO6
B
29
ATPINSEL
I
ATAPI pin assignment select pin. Connect to VSS0.
30
IO7
B
31
IO8
B
32
IO9
B
Data I/O pin to the data buffer DRAM.
33
IO10
B
Built-in pull-up resistor.
34
IO11
B
35
IO12
B
36
VSS0
P
37
VDD
P
38
IO13
B
Data I/O pin to the data buffer DRAM.
39
IO14
B
40
IO15
B
Built-in pull-up resistor.
41
NC
42
VSS0
P
43
VSS0
P
44
VSS0
P
45
NC
46
NC
Continued on next page.
I: Input pin B: Bi-directional pin NC: Not connected O: Output pin P: Power supply pin


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn