Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC895196 Datasheet(PDF) 12 Page - Sanyo Semicon Device

Part # LC895196
Description  ATA-PI Compatible CD-ROM Decoder IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC895196 Datasheet(HTML) 12 Page - Sanyo Semicon Device

Back Button LC895196 Datasheet HTML 4Page - Sanyo Semicon Device LC895196 Datasheet HTML 5Page - Sanyo Semicon Device LC895196 Datasheet HTML 6Page - Sanyo Semicon Device LC895196 Datasheet HTML 7Page - Sanyo Semicon Device LC895196 Datasheet HTML 8Page - Sanyo Semicon Device LC895196 Datasheet HTML 9Page - Sanyo Semicon Device LC895196 Datasheet HTML 10Page - Sanyo Semicon Device LC895196 Datasheet HTML 11Page - Sanyo Semicon Device LC895196 Datasheet HTML 12Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
No. 5737-12/12
LC895196
MCK2 (output)
This outputs the XTALCK0, XTALCK0/2, XTALCK0/5 and XTALCK0/512 frequencies. The output can also be
turned off.
MCK3 (output)
This outputs the XTALCK0, XTALCK0*2/5, XTALCK0/5 and XTALCK0/512 frequencies. The output can also be
turned off.
ZRSTIC (output)
The ZRSTIC output goes low when the microcontroller register R46-bit7 (ZSYSRES) or the ZHRST pin is put low.
When both the ZSYSRES and ZHRST pins are high, ZRSTIC enters a high impedance state. Attach and external
pull-up resistor.
ZRSTCPU (output)
When an ATAPI soft reset command (08h) is received, a low pulse is generated for approximately 1 ms (when
XTALCK1 = 34 MHz). When this happens, an interrupt is sent to the microcontroller. When the ZRESET pin has
become active, the ZRESET signal is output directly at the ZRSTCPU. Attach an external pull-up resistor.
ATPINSEL (input)
By changing the input to this pin, the ATAPI-side pin layout can be reversed.
This catalog provides information as of December, 1997. Specifications and information herein are subject to
change without notice.
s No products described or contained herein are intended for use in surgical implants, life-support systems, aerospace
equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and the like, the failure of
which may directly or indirectly cause injury, death or property loss.
s Anyone purchasing any products described or contained herein for an above-mentioned use shall:
ΠAccept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and
distributors and all their officers and employees, jointly and severally, against any and all claims and litigation and all
damages, cost and expenses associated with such use:
 Not impose any responsibility for any fault or negligence which may be cited in any such claim or litigation on
SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of their officers and employees
jointly or severally.
s Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for
volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied
regarding its use or any infringements of intellectual property rights or other rights of third parties.


Similar Part No. - LC895196

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC895196K SANYO-LC895196K Datasheet
144Kb / 12P
   ATA-PI Compatible CD-ROM Decoder IC
More results

Similar Description - LC895196

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC895196K SANYO-LC895196K Datasheet
144Kb / 12P
   ATA-PI Compatible CD-ROM Decoder IC
LC895195 SANYO-LC895195 Datasheet
64Kb / 8P
   ATA-PI (IDE) CD-ROM Decoder LSI
logo
Sony Corporation
CXD1804AR SONY-CXD1804AR Datasheet
794Kb / 103P
   CD-ROM Decoder
CXD1803AQ SONY-CXD1803AQ Datasheet
385Kb / 46P
   CD-ROM DECODER
CXD1806AQ SONY-CXD1806AQ Datasheet
1Mb / 48P
   CD-ROM DECODER
logo
Sanyo Semicon Device
LC895297 SANYO-LC895297 Datasheet
71Kb / 9P
   Full CAV 20 x CD-ROM Decoder with Built-in ATA-PI (IDE) Interface and CD-DSP
logo
Sony Corporation
CXD1199AQ SONY-CXD1199AQ Datasheet
349Kb / 42P
   CD-ROM DECODER
CXD1808AQ SONY-CXD1808AQ Datasheet
1Mb / 53P
   CD-ROM DECODER
CXD1186CQ SONY-CXD1186CQ Datasheet
454Kb / 46P
   CD-ROM Decoder
CXD1804BR SONY-CXD1804BR Datasheet
813Kb / 103P
   CD-ROM Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com