Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LC895196 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part No. LC895196
Description  ATA-PI Compatible CD-ROM Decoder IC
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC895196 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC895196 Datasheet HTML 1Page - Sanyo Semicon Device LC895196 Datasheet HTML 2Page - Sanyo Semicon Device LC895196 Datasheet HTML 3Page - Sanyo Semicon Device LC895196 Datasheet HTML 4Page - Sanyo Semicon Device LC895196 Datasheet HTML 5Page - Sanyo Semicon Device LC895196 Datasheet HTML 6Page - Sanyo Semicon Device LC895196 Datasheet HTML 7Page - Sanyo Semicon Device LC895196 Datasheet HTML 8Page - Sanyo Semicon Device LC895196 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Overview
The LC895196 is a large scale integrated circuit equipped
with CD-ROM functions and an internal ATA-PI (IDE)
interface.
Functions
• CD-ROM ECC functions, SUB-CODE read function,
ATA-PI (IDE) interface (Registers, etc.), and a CAV-
audio function.
Features
• Built-in ATA-PI (IDE) interface.
•24
× speed supported
Uses the EDO-DRAM (
× 16, 60 ns)
16.6 Mbyte/s (with IORDY)
Operating frequency: 27.5 MHz
•20
× speed supported
Uses the EDO-DRAM (
× 16, 60 ns)
16.6 Mbyte/s (without IORDY)
Operating frequency: 27 MHz
•12
× speed supported
Uses DRAM (
× 16, 70 ns)
• Supports between 1 Mbit and 32 Mbit of buffer RAM
when DRAM is used
• The user can flexibly set the CD main channel, the C2
flags, and the subcode regions in the buffer RAM
• Built-in batch transfer function. (Where the batch
transfer function is a function that transmit the CD main
channel, C2 flags, subcodes, etc. all at once.)
• Built-in
multitransmit
function.
(Where
the
multitransmit function is a function that automatically
transmits multiple blocks at once.)
• Built-in CAV-audio functions
• Built-in intelligent functions (auto buffering, auto
decoding, CD-R compatibility)
• Built in subcode P-W buffering function (NO-ECC) and
CD-TEXT compatibility
Package Dimensions
unit: mm
3214-SQFP144
CMOS LSI
Ordering number : EN *5737A
D3097HA (OT) No. 5737-1/12
Preliminary
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
ATA-PI Compatible CD-ROM Decoder IC
LC895196
Specifications
Absolute Maximum Ratings at VSS = 0 V
Parameter
Symbol
Condition
Ratings
Unit
Maximum supply voltage
VDD max
Ta = 25°C
–0.3 to +7.0
V
I/O voltage
VI, VO max
Ta = 25°C
–0.3 to VDD + 0.3
V
Allowable power dissipation
Pd max
Ta
≤ 70°C
550
mW
Operating temperatures
Topr
–30 to +70
°C
Storage temperatures
Tstg
–55 to +125
°C
Soldering temperature (terminals only)
For 10 seconds
235
°C
I/O current
II, IO max
±20*
mA
[LC895196]
SANYO: SQFP144
Note: * Per basic I/O cell


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn