Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FW906 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # FW906
Description  General-Purpose Switching Device Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FW906 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  FW906 Datasheet HTML 1Page - Sanyo Semicon Device FW906 Datasheet HTML 2Page - Sanyo Semicon Device FW906 Datasheet HTML 3Page - Sanyo Semicon Device FW906 Datasheet HTML 4Page - Sanyo Semicon Device FW906 Datasheet HTML 5Page - Sanyo Semicon Device FW906 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
FW906
No. A1809-4/6
IS -- VSD
Diode Forward Voltage, VSD -- V
Drain Current, ID -- A
| yfs | -- I
D
SW Time -- ID
Drain Current, ID -- A
Total Gate Charge, Qg -- nC
VGS -- Qg
Ciss, Coss, Crss -- VDS
Drain-to-Source Voltage, VDS -- V
A S O
Drain-to-Source Voltage, VDS -- V
ID -- VGS
Gate-to-Source Voltage, VGS -- V
Drain-to-Source Voltage, VDS -- V
ID -- VDS
0123456789
10
11
12
0
1
2
3
4
6
5
7
8
10
9
IT15829
IT15830
VDS=15V
ID=8A
2
2
3
5
7
0.1
2
3
5
7
1.0
0.01
0.01
0.1
57
23
2
1.0
57
32
10
57
32 3 5
Operation in this
area is limited by RDS(on).
100
μs
100
ms
DC
operation
10ms
1ms
2
3
5
7
3
5
7
10
100
IDP=52A (PW≤10μs)
ID=8A
3
2
100
7
5
5
3
2
1000
7
10
1.0
7
5
3
2
100
7
5
3
2
0.2
0.4
0.6
1.2
1.0
0.8
0.1
2
1.0
10
35
7
IT15827
IT15825
IT15826
0
5
10
25
15
20
30
0.01
0.1
7
5
3
2
2
1.0
7
5
3
2
3
IT15828
0.1
2
2
1.0
7
5
3
7
5
3
0.1
2
0.01
57
23
1.0
23
2
57
3
Ta=
--25
°C
75
°C
25
°C
VDS=10V
VGS=0V
VDD=15V
VGS=10V
td(off)
t r
tf
Ciss
Coss
Crss
f=1MHz
10
57
3
10
2
7
5
3
22
33
57
td(on)
[Nch]
[Nch]
[Nch]
[Nch]
[Nch]
[Nch]
--2
--1
--9
--3
--4
--6
--7
--5
--8
0
0
--1
--2
--4
--5
--3
--6
0
--1.0
--0.8
--0.6
--0.1 --0.2
--0.4
--0.9
--0.7
--0.3
--0.5
IT15831
0
--1.0
--0.5
--2.0
--1.5
--3.0
--2.5
--3.5
IT15832
VGS= --2.5V
VDS= --10V
--3.0V
[Pch]
[Pch]
10
μs
10s
Ta=25
°C
Single pulse
When mounted on ceramic substrate
(2000mm2
×0.8mm) 1unit


Similar Part No. - FW906

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FW9014-120E ETC-FW9014-120E Datasheet
1Mb / 36P
   Bobbintron Electrical Corporation
FW9014-190E ETC-FW9014-190E Datasheet
1Mb / 36P
   Bobbintron Electrical Corporation
FW9014-480E ETC-FW9014-480E Datasheet
1Mb / 36P
   Bobbintron Electrical Corporation
FW9014-XXXE ETC-FW9014-XXXE Datasheet
1Mb / 36P
   Bobbintron Electrical Corporation
logo
Sanyo Semicon Device
FW905 SANYO-FW905 Datasheet
59Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
More results

Similar Description - FW906

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3352 SANYO-2SK3352_05 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ662 SANYO-2SJ662 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
   General-Purpose Switching Device Applications
CPH3430 SANYO-CPH3430 Datasheet
52Kb / 4P
   General-Purpose Switching Device Applications
SCH2806 SANYO-SCH2806 Datasheet
47Kb / 6P
   General-Purpose Switching Device Applications
SCH1311 SANYO-SCH1311 Datasheet
35Kb / 4P
   General-Purpose Switching Device Applications
2SK3706 SANYO-2SK3706 Datasheet
48Kb / 5P
   General-Purpose Switching Device Applications
2SK3708 SANYO-2SK3708 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
FW341 SANYO-FW341 Datasheet
64Kb / 6P
   General-Purpose Switching Device Applications
CPH3337 SANYO-CPH3337 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
CPH6415 SANYO-CPH6415 Datasheet
54Kb / 4P
   General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com