Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR318 Datasheet(PDF) 4 Page - PETERMANN-TECHNIK

Part # SR318
Description  HIGH RELIABILITY FOR LOW COST
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PETERMANN [PETERMANN-TECHNIK]
Direct Link  http://www.petermann-technik.de
Logo PETERMANN - PETERMANN-TECHNIK

SR318 Datasheet(HTML) 4 Page - PETERMANN-TECHNIK

  SR318 Datasheet HTML 1Page - PETERMANN-TECHNIK SR318 Datasheet HTML 2Page - PETERMANN-TECHNIK SR318 Datasheet HTML 3Page - PETERMANN-TECHNIK SR318 Datasheet HTML 4Page - PETERMANN-TECHNIK SR318 Datasheet HTML 5Page - PETERMANN-TECHNIK SR318 Datasheet HTML 6Page - PETERMANN-TECHNIK SR318 Datasheet HTML 7Page - PETERMANN-TECHNIK  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PETERMANN
TECHNIK
Time & Frequency Components
PETERMANN-TECHNIK | Amselweg 8 | D-86916 Kaufering
Fon: 00 49 (0) 81 91 / 30 53 95 | Fax: 00 49 (0) 81 91 / 30 53 97
http://www.petermann-technik.de | info@petermann-technik.de
PACKAGE DRAWINGS
TO-39
09.5max
00.45
0.8
#1
#3
#2
PIN
#1
#2
#3
FUNCTION
INPUT
GROUND
OUTPUT
Unit:mm
F-11
#1
#2
#3
#4
2.54
00.5
2.54
2.54
#1
#2
#3
#4
11.3max
PIN
#1
#2
#3
#4
FUNCTION
INPUT
GROUND
GROUND
OUTPUT
Unit:mm
5 x 5 mm SMD
5.0 + 0.2
-
1.0+0.1
-
1.5max
1.27+0.1
2.08+0.15
2.54+0.1
-
-
-
#3
#2
#1
#7
#6
#4
#5
#8
PIN
#1
#2
#3
#4
CONNECTION
INPUT
#5
#6
#7
#8
GROUND
GROUND
OUTPUT
GROUND
GROUND / CASE
GROUND
GROUND / CASE
Unit: mm


Similar Part No. - SR318

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
SR318 VANLONG-SR318 Datasheet
90Kb / 2P
   318.00 MHz One-Port SAW Resonator
SR318B VANLONG-SR318B Datasheet
89Kb / 2P
   318.00 MHz One-Port SAW Resonator
More results

Similar Description - SR318

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
SMD02016 PETERMANN-SMD02016_15 Datasheet
564Kb / 4P
   High reliability for low cost
ZTT-MTMX PETERMANN-ZTT-MTMX Datasheet
725Kb / 3P
   High reliability for low cost
VCTXO PETERMANN-VCTXO Datasheet
1Mb / 6P
   High reliability for low cost
UM1-SMD PETERMANN-UM1-SMD Datasheet
497Kb / 4P
   High reliability for low cost
SXO18 PETERMANN-SXO18 Datasheet
888Kb / 3P
   High reliability for low cost
SMD-VCXO4-0507-3 PETERMANN-SMD-VCXO4-0507-3 Datasheet
298Kb / 3P
   High reliability for low cost
M7502 PETERMANN-M7502 Datasheet
134Kb / 3P
   HIGH RELIABILITY FOR LOW COST
M2500 PETERMANN-M2500 Datasheet
147Kb / 2P
   HIGH RELIABILITY FOR LOW COST
M4115 PETERMANN-M4115 Datasheet
78Kb / 1P
   HIGH RELIABILITY FOR LOW COST
M6302 PETERMANN-M6302 Datasheet
122Kb / 2P
   HIGH RELIABILITY FOR LOW COST
M6337 PETERMANN-M6337 Datasheet
125Kb / 2P
   HIGH RELIABILITY FOR LOW COST
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com