Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMD-TCXO-0507 Datasheet(PDF) 3 Page - PETERMANN-TECHNIK

Part # SMD-TCXO-0507
Description  HIGH RELIABILITY FOR LOW COST
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PETERMANN [PETERMANN-TECHNIK]
Direct Link  http://www.petermann-technik.de
Logo PETERMANN - PETERMANN-TECHNIK

SMD-TCXO-0507 Datasheet(HTML) 3 Page - PETERMANN-TECHNIK

  SMD-TCXO-0507 Datasheet HTML 1Page - PETERMANN-TECHNIK SMD-TCXO-0507 Datasheet HTML 2Page - PETERMANN-TECHNIK SMD-TCXO-0507 Datasheet HTML 3Page - PETERMANN-TECHNIK SMD-TCXO-0507 Datasheet HTML 4Page - PETERMANN-TECHNIK  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PETERMANN
TECHNIK
Time & Frequency Components
PETERMANN-TECHNIK GmbH | Amselweg 8 | D-86916 Kaufering
Fon: 00 49 (0) 81 91 / 30 53 95 | Fax: 00 49 (0) 81 91 / 30 53 97
http://www.petermann-technik.de | info@petermann-technik.de
TEST CIRCUIT
A
TOP VIEW
#4
#3
#1
#2
0.01uF
VCC
Vcont
0.01uF
ZL
ZL = Load Impedance *
* Includes all stray and probe capacitance
* ZL = 10 pF // 10 KOhm
*2 Frequency Counter
*3 Oscilloscope
*2
*3
Page 3 / 4


Similar Part No. - SMD-TCXO-0507

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SMD-01 NPC-SMD-01 Datasheet
259Kb / 10P
   Optical Encoder Head
SMD-01A NPC-SMD-01A Datasheet
662Kb / 11P
   Linear motors
logo
SEMPO ELECTRONIC Limite...
SMD-12 SEMPO-SMD-12 Datasheet
37Kb / 1P
   Rectifier Diode
SMD-12R SEMPO-SMD-12R Datasheet
37Kb / 1P
   Rectifier Diode
SMD-150 SEMPO-SMD-150 Datasheet
35Kb / 1P
   Rectifier Diode
More results

Similar Description - SMD-TCXO-0507

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
SMD02016 PETERMANN-SMD02016_15 Datasheet
564Kb / 4P
   High reliability for low cost
ZTT-MTMX PETERMANN-ZTT-MTMX Datasheet
725Kb / 3P
   High reliability for low cost
VCTXO PETERMANN-VCTXO Datasheet
1Mb / 6P
   High reliability for low cost
UM1-SMD PETERMANN-UM1-SMD Datasheet
497Kb / 4P
   High reliability for low cost
SXO18 PETERMANN-SXO18 Datasheet
888Kb / 3P
   High reliability for low cost
SMD-VCXO4-0507-3 PETERMANN-SMD-VCXO4-0507-3 Datasheet
298Kb / 3P
   High reliability for low cost
M7502 PETERMANN-M7502 Datasheet
134Kb / 3P
   HIGH RELIABILITY FOR LOW COST
M2500 PETERMANN-M2500 Datasheet
147Kb / 2P
   HIGH RELIABILITY FOR LOW COST
M4115 PETERMANN-M4115 Datasheet
78Kb / 1P
   HIGH RELIABILITY FOR LOW COST
M6302 PETERMANN-M6302 Datasheet
122Kb / 2P
   HIGH RELIABILITY FOR LOW COST
M6337 PETERMANN-M6337 Datasheet
125Kb / 2P
   HIGH RELIABILITY FOR LOW COST
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com