Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMD-VCTCXO-0507 Datasheet(PDF) 1 Page - PETERMANN-TECHNIK

Part # SMD-VCTCXO-0507
Description  HIGH RELIABILITY FOR LOW COST
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PETERMANN [PETERMANN-TECHNIK]
Direct Link  http://www.petermann-technik.de
Logo PETERMANN - PETERMANN-TECHNIK

SMD-VCTCXO-0507 Datasheet(HTML) 1 Page - PETERMANN-TECHNIK

  SMD-VCTCXO-0507 Datasheet HTML 1Page - PETERMANN-TECHNIK SMD-VCTCXO-0507 Datasheet HTML 2Page - PETERMANN-TECHNIK SMD-VCTCXO-0507 Datasheet HTML 3Page - PETERMANN-TECHNIK SMD-VCTCXO-0507 Datasheet HTML 4Page - PETERMANN-TECHNIK  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
- HIGH RELIABILITY FOR LOW COST
- SMALL DIMENSIONS
- AVAILABLE WITH SUPPLY VOLTAGE OF 2.6 VOLT
- LOW POWER CONSUMPTION
- NEW STANDARD FOR SMALL LOW COST SMD-VCTCXO'S AND SMD-TCXO's
- CHEAPEST AVAILABLE SMD-VCTCXO AND SMD-TCXO IN CERAMIC PACKAGE
SMD-VCTCXO
SMD-TCXO
PACKAGE
MAXIMUM OPERATING TEMPERATURE RANGE
STANDARD OPERATING TEMPERATURE RANGE
STORAGE TEMPERATURE RANGE
SUPPLY VOLTAGE RANGE
STANDARD SUPPLY VOLTAGES
CURRENT CONSUMPTION
INITIAL FREQUENCY ACCURACY
VS. TEMPERATURE
VS. AGING
VS. VOLTAGE CHANGE
VS. LOAD CHANGE
SERIES
SMD-TCXO-0507
SMD-VCTCXO-0507
PIN 1
GROUND
VOLTAGE CONTROL
PIN 2
GROUND
GROUND
PIN 3
OUTPUT SIGNAL
OUTPUT SIGNAL
PIN 4
SUPPLY VOLTAGE
SUPPLY VOLTAGE
PIN 5
NOT CONNECT
NOT CONNECT
PIN 6
NOT CONNECT
NOT CONNECT
PIN 7
NOT CONNECT
NOT CONNECT
PIN 8
NOT CONNECT
NOT CONNECT
MARKING
Page 1 / 4
FREQUENCY TUNING RANGE
+-4 to +-16 ppm
13.5625 MHz; 14.400 MHz; 15.360 MHz; 16.800 MHz;
19.200 MHz; 19.440 MHz; 19.800 MHz; 20.000 MHz
STANDARD FREQUENCIES
3.0 VDC +-5% / 3.3 VDC +-5% / 5.0 VDC +-5%
-30/+85°C
+-2.5 ppm max.
(-30/+85°C refered to +25°C)
OUTPUT VOLTAGE
0.8 ~ 1.0 Vp-p MIN.
PIN
CONNECTION
HARMONICS DISTORTION
-8 dBc MAX.
(-12 dBc TYP.)
FREQUENCY TUNING BY EXTERNAL VOLTAGE
1.5 VDC +-1 VDC (or depending the supply voltage)
PHASE NOISE
-120 dBc/Hz @ 1 kHz
(-130 dBc TYP.)
PETERMANN-TECHNIK GmbH | Amselweg 8 | D-86916 Kaufering
Fon: 00 49 (0) 81 91 / 30 53 95 | Fax: 00 49 (0) 81 91 / 30 53 97
http://www.petermann-technik.de | info@petermann-technik.de
OTHER PARAMETERS ARE AVAILABLE ON REQUEST / CREATE HERE YOUR SPECIFICATION
SMD-VCTCXO-0507
CERAMIC PACKAGE 7 x 5 x 1.9 mm
10.000 MHz ~ 28.000 MHz
SERIES
SMD-TCXO-0507
FREQUENCY RANGE
OUTPUT LOAD
-40/+85°C
-40/+85°C
10.000 MHz; 10.245 MHz; 12.800 MHz; 13.000 MHz;
FREQUENCY
STABILITY
DELIVERY FORM
OUTPUT SIGNAL
CLIPPED SINE WAVE
2.6 ~ 5.5 VDC
2 mA MAX.
(LOAD 10 k
Ω / 10 pF)
+-0.5 ppm @ 25°C +-2 °C
10 k
Ω / 10 pF
+-1 ppm max. first year
+-0.3 ppm max.
(3.0 VDC +-5%)
+-0.3 ppm max.
(10 k
Ω +-10% / 10 pF +-10%)
FREQUENCY CHANGE AFTER REFLOW
+-1 ppm max.
ORDERING CODE FOR SMD-VCTCXO
ORDERING CODE FOR SMD-TCXO
SMD-VCTCXO-0507-FREQUENCY-T
SMD-TCXO-0507-FREQUENCY-T
TAPE AND REEL
JYEG + FREQUENCY
MANUFACTURER
TJE / CHINA (ISO-9001/14001 qualified)
PETERMANN
TECHNIK
Time & Frequency Components


Similar Part No. - SMD-VCTCXO-0507

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
SMD-VCXO4-05032 PETERMANN-SMD-VCXO4-05032 Datasheet
300Kb / 3P
   High reliability for low cost
SMD-VCXO4-05032-25-W-S PETERMANN-SMD-VCXO4-05032-25-W-S Datasheet
300Kb / 3P
   High reliability for low cost
SMD-VCXO4-05032-3 PETERMANN-SMD-VCXO4-05032-3 Datasheet
299Kb / 3P
   High reliability for low cost
SMD-VCXO4-0507 PETERMANN-SMD-VCXO4-0507 Datasheet
298Kb / 3P
   High reliability for low cost
SMD-VCXO4-0507-25-W-S PETERMANN-SMD-VCXO4-0507-25-W-S Datasheet
298Kb / 3P
   High reliability for low cost
More results

Similar Description - SMD-VCTCXO-0507

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
SMD02016 PETERMANN-SMD02016_15 Datasheet
564Kb / 4P
   High reliability for low cost
ZTT-MTMX PETERMANN-ZTT-MTMX Datasheet
725Kb / 3P
   High reliability for low cost
VCTXO PETERMANN-VCTXO Datasheet
1Mb / 6P
   High reliability for low cost
UM1-SMD PETERMANN-UM1-SMD Datasheet
497Kb / 4P
   High reliability for low cost
SXO18 PETERMANN-SXO18 Datasheet
888Kb / 3P
   High reliability for low cost
SMD-VCXO4-0507-3 PETERMANN-SMD-VCXO4-0507-3 Datasheet
298Kb / 3P
   High reliability for low cost
M7502 PETERMANN-M7502 Datasheet
134Kb / 3P
   HIGH RELIABILITY FOR LOW COST
M2500 PETERMANN-M2500 Datasheet
147Kb / 2P
   HIGH RELIABILITY FOR LOW COST
M4115 PETERMANN-M4115 Datasheet
78Kb / 1P
   HIGH RELIABILITY FOR LOW COST
M6302 PETERMANN-M6302 Datasheet
122Kb / 2P
   HIGH RELIABILITY FOR LOW COST
M6337 PETERMANN-M6337 Datasheet
125Kb / 2P
   HIGH RELIABILITY FOR LOW COST
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com