Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LC895194 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part No. LC895194
Description  CD-ROM Error Correction LSI with On-Chip ATA-PI (IDE) Interface
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC895194 Datasheet(HTML) 6 Page - Sanyo Semicon Device

  LC895194 Datasheet HTML 1Page - Sanyo Semicon Device LC895194 Datasheet HTML 2Page - Sanyo Semicon Device LC895194 Datasheet HTML 3Page - Sanyo Semicon Device LC895194 Datasheet HTML 4Page - Sanyo Semicon Device LC895194 Datasheet HTML 5Page - Sanyo Semicon Device LC895194 Datasheet HTML 6Page - Sanyo Semicon Device LC895194 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Continued from preceding page.
Type: I: Input pin, O: Output pin, B: Bidirectional pin, P: Power supply pin, NC: No connection pin
Note: 1. NC (no connection) pins must be left open.
2. Pin names (signal names) that begin with a Z have negative (inverted) logic.
3. VSS0 is the logic system ground and VSS1 is the IDE interface driver ground.
No. 5154-6/7
LC895194
Pin No.
Symbol
Type
Function
101
ZRSTCPU
O
Reset signal to CPU
102
ZSWAIT
O
Wait signal output to the microcontroller
103
ZHRST
I
104
ZDASP
B
105
ZCS3FX
I
ATAPI control signals
106
ZCS1FX
I
107
DA2
I
108
VSS0
P
109
VDD
P
110
DA0
I
111
ZPDIAG
B
112
DA1
I
ATAPI control signals
113
ZIOCS16
O
114
HINTRQ
O
115
ZDMACK
I
116
VSS1
P
117
IORDY
O
118
ZDIOR
I
ATAPI control signals
119
ZDIOW
I
120
DMARQ
O
121
DD15
B
ATAPI data bus
122
VSS1
P
123
DD0
B
124
DD14
B
ATAPI data bus
125
DD1
B
126
DD13
B
127
VSS1
P
128
VDD
P
129
DD2
B
130
DD12
B
ATAPI data bus
131
DD3
B
132
VSS1
P
133
DD11
B
134
DD4
B
ATAPI data bus
135
DD10
B
136
VSS1
P
137
VDD
P
138
DD5
B
139
DD9
B
ATAPI data bus
140
DD6
B
141
VSS1
P
142
DD8
B
ATAPI data bus
143
DD7
B
144
VDD
P


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn