Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LC895194 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part No. LC895194
Description  CD-ROM Error Correction LSI with On-Chip ATA-PI (IDE) Interface
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

LC895194 Datasheet(HTML) 5 Page - Sanyo Semicon Device

   
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Continued from preceding page.
Type: I: Input pin, O: Output pin, B: Bidirectional pin, P: Power supply pin, NC: No connection pin
Note: 1. NC (no connection) pins must be left open.
2. Pin names (signal names) that begin with a Z have negative (inverted) logic.
3. VSS0 is the logic system ground and VSS1 is the IDE interface driver ground.
No. 5154-5/7
LC895194
Pin No.
Symbol
Type
Function
52
VSS0
P
53
VSS0
P
54
TEST4
I
Test input. This pin must be tied low.
55
VSS0
P
56
VSS0
P
57
ZINT1
O
Interrupt request signal output to the microcontroller from the IDE block
58
VSS0
P
59
VSS0
P
60
VSS0
P
61
NC
62
NC
63
VSS0
P
64
SDATA
I
65
BCK
I
CD-DSP interface
66
LRCK
I
67
C2PO
I
68
MCK2
O
XTALCK 1/1, 1/2, 1/512, and stop output
69
VSS0
P
70
XTALCK
I
Crystal oscillator input
71
XTAL
O
Crystal oscillator output
72
VSS0
P
73
VDD
P
74
MCK
O
XTALCK 1/1, 1/2, and stop output
75
VSS0
P
76
ZRSTIC
O
Reset signal to drive reset IC
77
CSCTRL
I
Selects active high or active low for the microcontroller CS line.
78
ZRESET
I
LSI reset
79
ZRD
I
Microcontroller data read signal input
80
ZWR
I
Microcontroller data write signal input
81
ZCS
I
Input for the register chip select signal from the microcontroller
82
VSS0
P
83
SUA0
I
84
SUA1
I
85
SUA2
I
86
SUA3
I
Microcontroller register select signals
87
SUA4
I
88
SUA5
I
89
SUA6
I
90
VDD
P
91
VSS0
P
92
D0
B
93
D1
B
94
D2
B
95
D3
B
Microcontroller data signals
96
D4
B
These pins have built-in pull-up resistors.
97
D5
B
98
D6
B
99
D7
B
100
ZINT
O
Interrupt request signal output to the microcontroller
Continued on next page.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn