Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LC895194 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part No. LC895194
Description  CD-ROM Error Correction LSI with On-Chip ATA-PI (IDE) Interface
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC895194 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC895194 Datasheet HTML 1Page - Sanyo Semicon Device LC895194 Datasheet HTML 2Page - Sanyo Semicon Device LC895194 Datasheet HTML 3Page - Sanyo Semicon Device LC895194 Datasheet HTML 4Page - Sanyo Semicon Device LC895194 Datasheet HTML 5Page - Sanyo Semicon Device LC895194 Datasheet HTML 6Page - Sanyo Semicon Device LC895194 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Pin Functions
Type: I: Input pin, O: Output pin, B: Bidirectional pin, P: Power supply pin, NC: No connection pin
Note: 1. NC (no connection) pins must be left open.
2. Pin names (signal names) that begin with a Z have negative (inverted) logic.
3. VSS0 is the logic system ground and VSS1 is the IDE interface driver ground.
No. 5154-4/7
LC895194
Pin No.
Symbol
Type
Function
1
VSS0
P
2
ZRAS0
O
Buffer DRAM RAS signal output 0 (This pin is used normally.)
3
ZRAS1
O
Buffer DRAM RAS signal output 1
4
VSS0
P
5
ZCAS0
O
Buffer DRAM CAS signal output 0 (This pin is used normally.)
6
ZCAS1
O
Buffer DRAM CAS signal output 1
7
VSS0
P
8
ZOE
O
Buffer RAM output enable
9
ZUWE
O
Buffer RAM upper write enable
10
ZLWE
O
Buffer RAM lower write enable
11
RA0
O
12
RA1
O
13
RA2
O
14
RA3
O
RA0 to RA9 are the data buffer DRAM address lines.
15
RA4
O
16
RA5
O
17
RA6
O
18
VDD
P
19
VSS0
P
20
RA7
O
21
RA8
O
RA0 to RA9 are the data buffer DRAM address lines.
22
RA9
O
23
NC
24
NC
25
TEST0
NC
26
TEST1
NC
Test pins.
27
TEST2
NC
28
TEST3
NC
29
NC
30
IO0
B
31
IO1
B
32
IO2
B
Data buffer RAM data I/O
33
IO3
B
These pins have built-in pull-up resistors.
34
IO4
B
35
IO5
B
36
VSS0
P
37
VDD
P
38
IO6
B
39
IO7
B
40
IO8
B
41
IO9
B
42
IO10
B
Data buffer RAM data I/O
43
IO11
B
These pins have built-in pull-up resistors.
44
IO12
B
45
IO13
B
46
IO14
B
47
IO15
B
48
EXCK
O
49
WFCK
I
SUB-CODE input/out pin
50
SBSO
I
51
SCOR
I
Continued on next page.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn