Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LC895194 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part No. LC895194
Description  CD-ROM Error Correction LSI with On-Chip ATA-PI (IDE) Interface
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

LC895194 Datasheet(HTML) 2 Page - Sanyo Semicon Device

   
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DC Characteristics at VSS = 0 V, VDD = 4.5 to 5.5 V, Ta = –30 to +75°C
Note: * The entries in the “Applicable Pins” column specify the following pin sets.
[Input]
1: CSCTRL, SUA0 to SUA6
2: TEST0 to TEST4
3: DA0 to DA2, ZCS1FX, ZCS3FX, ZDIOR, ZDIOW, ZDMACK, ZHRST, ZRESET, BCK, C2PO, LRCK, SDATA
4: ZCS, ZRD, ZWR
5: WFCK, SCOR
[Output]
6: ZINT1
7: MCK, MCK2
8: ZINT, ZSWAIT
9: DMARQ, HINTRQ
10: RA0 to RA9, ZCAS0, ZCAS1, ZLWE, ZOE, ZRAS0, ZRAS1, ZUWE
11: ZRSTCPU, ZRSTIC
12: IORDY, ZIOCS16
[I/O]
13: D0 to D7, IO0 to IO15
14: DD0 to DD15, ZDASP, ZPDIAG
Note: XTAL, XTALCK
The above pins are not included in the DC characteristics.
Sample Recommended Oscillator Circuit
R1 = 120 k
R2 = 47 k
C1 = 30 pF
For a crystal oscillator frequency of 16.9344 MHz.
Alternatively:
R1 = 3.3 k
R2 = None
C1 = 5 pF
For a crystal oscillator frequency of 33.8688 MHz.
For an oscillator frequency of 33.8688, the third harmonic is used. This means that
precise component values will be influenced by the printed circuit board. Consult
the manufacturer of the crystal to determine the circuit constants for this frequency.
No. 5154-2/7
LC895194
Parameter
Symbol
Applicable Pins* (See below)
min
typ
max
Unit
Input high level voltage
VIH
TTL compatible: (1)
2.2
V
Input low level voltage
VIL
0.8
V
Input high level voltage
VIH
TTL compatible, with pull-up resistor: (13)
2.2
V
Input low level voltage
VIL
0.8
V
Input high level voltage
VIH
TTL compatible, with pull-down resistor: (2)
2.2
V
Input low level voltage
VIL
0.8
V
Input high level voltage
VIH
TTL compatible, Schmitt: (3), (5), and (14)
2.4
V
Input low level voltage
VIL
0.8
V
Input high level voltage
VIH
COMS compatible, Schmitt: (4)
0.8 VDD
V
Input low level voltage
VIL
0.2 VDD
V
Output high level voltage
VOH
IOH = –2 mA
(8), (10), and (13)
VDD – 2.1
V
Output low level voltage
VOL
IOL = 2 mA
0.4
V
Output high level voltage
VOH
IOH = –8 mA
(7)
VDD – 2.1
V
Output low level voltage
VOL
IOL = 8 mA
0.4
V
Output high level voltage
VOH
IOH = 4 mA
(9), and (14)
VDD – 2.1
V
Output low level voltage
VOL
IOL = 24 mA
0.4
V
Output high level voltage
VOH
IOH = –2 mA
(6)
VDD – 2.1
V
Output low level voltage
VOL
IOL = 2 mA
0.4
V
Output low level voltage
VOL
IOL = 2 mA
(11)
0.4
V
Output low level voltage
VOL
IOL = 24 mA
(12)
0.4
V
Input leakage current
IIL
VI = VSS, VDD: (1), (3), (4), (9), and (14)
–10
+10
µA
Output leakage current
IOZ
For high-impedance outputs: (6), (12), and (14)
–10
+10
µA
Pull-up resistance
RUP
(13)
40
80
160
k
Pull-down resistance
RDN
(2), (5)
40
80
160
k
Input voltage hysteresis
VHYS
(3), and (14)
0.8
1.0
1.3
mV


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn