Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LC895194 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part No. LC895194
Description  CD-ROM Error Correction LSI with On-Chip ATA-PI (IDE) Interface
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC895194 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC895194 Datasheet HTML 1Page - Sanyo Semicon Device LC895194 Datasheet HTML 2Page - Sanyo Semicon Device LC895194 Datasheet HTML 3Page - Sanyo Semicon Device LC895194 Datasheet HTML 4Page - Sanyo Semicon Device LC895194 Datasheet HTML 5Page - Sanyo Semicon Device LC895194 Datasheet HTML 6Page - Sanyo Semicon Device LC895194 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CMOS LSI
Ordering number : EN*5154B
N3097HA(OT) /81095HA (OT) No. 5154-1/7
Preliminary
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
CD-ROM Error Correction LSI
with On-Chip ATA-PI (IDE) Interface
LC895194
Functions
CD-ROM error detection and correction, ATA-PI (IDE)
interface (including the register and other blocks)
Features
• ATA-PI (IDE) interface
• Supports 16
×-speed playback (with IORDY): Using 16×
70 ns DRAMs
• 16.6 MB/s transfer rate: Using 16
× 70 ns DRAMs
• Supports the use of from 1 M to 32 M of buffer RAM.
(DRAM)
• Allows the user to arbitrarily set the CD main channel
and C2 flag areas in buffer RAM.
• Batch transfer function (function for transferring the CD
main channel and C2 flag data in one operation)
• Multi-transfer function (function for sending multiple
blocks in one operation)
Package Dimensions
unit: mm
3214-SQFP144
Specifications
Absolute Maximum Ratings at VSS = 0 V
Note: * Per cell for basic I/O cells
Allowable Operating Ranges at Ta = –30 to +75°C, VSS = 0 V
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
Ta = 25°C
–0.3 to +7.0
V
I/O voltages
VI, VO
Ta = 25°C
–0.3 to VDD + 0.3
V
Allowable power dissipation
Pd max
Ta
≤ 70°C
550
mW
Operating temperature
Topr
–30 to +75
°C
Storage temperature
Tstg
–55 to +125
°C
Soldering heat resistances (pins only)
10 seconds
235
°C
I/O power
II, IO
±20*
mA
Parameter
Symbol
Conditions
min
typ
max
Unit
Supply voltage
VDD
4.5
5.0
5.5
V
Input voltage range
VIN
0VDD
V
[LC895194]
SANYO: SQFP144


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn