Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX-5080-EAP-2560 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TX-5080-EAP-2560
Description  Temperature Compensated Crystal Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TX-5080-EAP-2560 Datasheet(HTML) 2 Page - Vectron International, Inc

  TX-5080-EAP-2560 Datasheet HTML 1Page - Vectron International, Inc TX-5080-EAP-2560 Datasheet HTML 2Page - Vectron International, Inc TX-5080-EAP-2560 Datasheet HTML 3Page - Vectron International, Inc TX-5080-EAP-2560 Datasheet HTML 4Page - Vectron International, Inc TX-5080-EAP-2560 Datasheet HTML 5Page - Vectron International, Inc TX-5080-EAP-2560 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page 2 of 6
Performance Specifications2
Supply Voltage (Vs)
Parameter
Min
Typical
Max
Units
Condition
Supply voltage (standard)
Current consumption
3.135
3.3
3.465
30
VDC
mA
@LVCMOS
Supply voltage
Current consumption
4.75
5.0
5.25
40
VDC
mA
@HCMOS
RF Output
Signal [standard]
LVCMOS/HCMOS
Load
13.5
15
16.5
pF
Signal Level (Vol) LVCMOS
0.3
VDC
@ Vs=3.3V and 15pF Load
Signal Level (Voh) LVCMOS
3.0
VDC
@ Vs=3.3V and 15pF Load
Signal Level (Vol) HCMOS
0.5
VDC
@ Vs=5.0V and 15pF Load
Signal Level (Voh) HCMOS
4.5
@ Vs=5.0V and 15pF Load
Duty Cycle
40
60
%
@ (Voh-Vol)/2
Rise and Fall time
5
ns
@15 pF 10 to 90 %
Frequency Control (EFC)
Tuning Range
Fixed TCXO; No adjust
Tuning Range
±5.0
±8.0
±12
±14
±20
±20
ppm
ppm
S3 Version
Standard Version
Linearity
<10%
Tuning Slope
Positive
Control Voltage Range
0.3
1.65
3.0
VDC
@ Vs=3.3V
Control Voltage Range
0.5
2.5
4.5
VDC
@ Vs=5.0V
Frequency control input impedance
10
kOhm
Additional Parameters
Phase Noise3
-95
-123
-143
-152
-155
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
10 Hz
100 Hz
1 kHz
10 kHz
100 kHz
@ 10 MHz
LVCMOS
3.3 V
Jitter
1.14
ps RMS
@ 12 kHz to 20 MHz
Phase Noise3
-74
-103
-134
-152
-160
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
10 Hz
100 Hz
1 kHz
10 kHz
100 kHz
@ 100 MHz
LVCMOS
3.3 V
Jitter
0.073
ps RMS
@ 12 kHz to 20 MHz
Weight
8.0
g
Processing & Packing
Handling & Processing Note
Additional Environmental Conditions
Random Vibration
MIL-STD-202G; Method 214A; Condition II-J
1g2/Hz / 43.92 grms guaranteed
(Qualification testing performed at MIL-STD-202G;
Method 214A; Condition II-K, 1.5g2/Hz / 53.79 grms)
Sine Vibration
MIL-STD-883; Method 2007
Test Condition B 50 g
(Qualification testing performed at MIL-STD-883;
Method 2007; Test Condition C 70)
Shock
MIL-STD-202G; Method 213B; Condition E
1000 g / 0.5 ms
higher values on request
Absolute Maximum Ratings
supply voltage (Vs)
6.0
V
Output Load
50
pF
Operable Temperature Range
-40
+85
°C
Storage Temperature Range
-55
+105
°C


Similar Part No. - TX-5080-EAP-2560

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TX-5080 VECTRON-TX-5080 Datasheet
232Kb / 6P
   Temperature Compensated Crystal Oscillator
More results

Similar Description - TX-5080-EAP-2560

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
   Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
TX_500 VECTRON-TX_500_14 Datasheet
777Kb / 6P
   Temperature Compensated Crystal Oscillator
TX-801 VECTRON-TX-801_14 Datasheet
370Kb / 5P
   Temperature Compensated Crystal Oscillator
VT-704 VECTRON-VT-704_14 Datasheet
927Kb / 8P
   Temperature Compensated Crystal Oscillator
VT-803 VECTRON-VT-803_14 Datasheet
1Mb / 9P
   Temperature Compensated Crystal Oscillator
VT-706 VECTRON-VT-706 Datasheet
732Kb / 7P
   Temperature Compensated Crystal Oscillator
logo
Crystek Corporation
CXOHD5 CRYSTEKCRYSTAL-CXOHD5 Datasheet
70Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD6 CRYSTEKCRYSTAL-CXOSD6_15 Datasheet
114Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD4 CRYSTEKCRYSTAL-CXOSD4_15 Datasheet
122Kb / 1P
   Temperature Compensated Crystal Oscillator
logo
Advanced XTAL Products
AXLE3225 AXTAL-AXLE3225 Datasheet
246Kb / 1P
   Temperature Compensated Crystal Oscillator
AXLE7050 AXTAL-AXLE7050 Datasheet
265Kb / 1P
   Temperature Compensated Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com