Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TM-056-LBC-A Datasheet(PDF) 5 Page - Vectron International, Inc

Part # TM-056-LBC-A
Description  Integrated Timing Solution
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TM-056-LBC-A Datasheet(HTML) 5 Page - Vectron International, Inc

  TM-056-LBC-A Datasheet HTML 1Page - Vectron International, Inc TM-056-LBC-A Datasheet HTML 2Page - Vectron International, Inc TM-056-LBC-A Datasheet HTML 3Page - Vectron International, Inc TM-056-LBC-A Datasheet HTML 4Page - Vectron International, Inc TM-056-LBC-A Datasheet HTML 5Page - Vectron International, Inc TM-056-LBC-A Datasheet HTML 6Page - Vectron International, Inc TM-056-LBC-A Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
4.06
40.64
1.600
.160
.150 3.81
1.900 48.26
1.900 48.26
.606 15.39
.025 0.64
.200 5.08
.060 1.52
PIN 1
1μs Transient Response
-200
0
200
400
600
800
1000
1200
50
55
60
65
70
75
80
85
90
95
100
Time [s]
1μs Transient Response
-200
0
200
400
600
800
1000
1200
50
55
60
65
70
75
80
85
90
95
100
Time [s]
The following paragraph shows typical TM-056 performances. The measurements were performed in according to Telcordia GR-1244-CORE
recommendation using a system that emulates standard timing configuration in network equipment. For more details please contact the
factory.
Performance
TM-056 typical performance - Wander Generation MTIE GR-
1244-CORE
TM-056 typical performance - Wander Tolerance TDEV GR-
1244-CORE
TM-056 typical performance - Wander Generation TDEV GR-
1244-CORE
TM-056 typical performance - 1μs Transient Response TIE
TDEV Clock, GR-1244-CORE: Wander Tolerance
0.1
1
10
10
0
1000
0.0
1
0.1
1
10
10
0
1000
1000
Observation Interval
[sec]
TDEV [ns]
TDEV Clock, GR-1244-CORE: Wander Generation
0.0
1
0.1
1
10
100
0.01
0.1
1
10
100
1000
10000
100000
Observation Interval
[sec]
TDEV [ns]
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Mechanical Dimensions
TM-056 Outline Drawing
Soldering Information
The TM-056 can be soldered to the main board in following
ways:
Wave soldering machine - using no cleaning
1.
material.
Manual soldering - max. Temperature is 370°C,
2.
for 2 seconds, using no clean soldering material.


Similar Part No. - TM-056-LBC-A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TM-1000 PHILIPS-TM-1000 Datasheet
198Kb / 8P
   Programmable Media Processor
1998
logo
Molex Electronics Ltd.
TM-100172-0100 MOLEX-TM-100172-0100 Datasheet
219Kb / 3P
   8X INTERNAL HD SHORT BODY RIGHT ANGLE DOWN CABLE ASSEMBLY
2014/04/24
logo
NXP Semiconductors
TM-1100 PHILIPS-TM-1100 Datasheet
342Kb / 8P
   Programmable Media Processor
September 1998
TM-1300 PHILIPS-TM-1300 Datasheet
6Mb / 533P
   Programmable Media Processor
2000 May 30
logo
List of Unclassifed Man...
TM-1320A ETC-TM-1320A Datasheet
1Mb / 4P
   monochrome progressive scan CCD cameras
More results

Similar Description - TM-056-LBC-A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXM15466 MAXIM-MAXM15466 Datasheet
665Kb / 10P
   Highly Integrated Solution
Rev 0; 3/19
MAXM17624 MAXIM-MAXM17624 Datasheet
619Kb / 10P
   Highly Integrated Solution
Rev 0; 1/19
logo
Cypress Semiconductor
CY28158 CYPRESS-CY28158 Datasheet
220Kb / 10P
   Spread Spectrum Timing Solution for Serverworks Chipset
logo
SpectraLinear Inc
CY28158 SPECTRALINEAR-CY28158 Datasheet
182Kb / 9P
   Spread Spectrum Timing Solution for Serverworks Chipset
logo
NTE Electronics
NTE955M NTE-NTE955M Datasheet
28Kb / 4P
   Integrated Circuit Timing Circuit
logo
Seoul Semiconductor
SMJD-XV16W2P SEOUL-SMJD-XV16W2P Datasheet
1Mb / 27P
   Integrated AC LED Solution
SMJE-XV08W1P SEOUL-SMJE-XV08W1P Datasheet
1Mb / 26P
   Integrated AC LED Solution
SMJD-XH16W4PX SEOUL-SMJD-XH16W4PX Datasheet
1Mb / 28P
   Integrated AC LED Solution
SMJE-XD12W4PX SEOUL-SMJE-XD12W4PX Datasheet
1Mb / 25P
   Integrated AC LED Solution
SMJE-XV12W2P SEOUL-SMJE-XV12W2P Datasheet
1Mb / 28P
   Integrated AC LED Solution
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com