Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LC89515K Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part No. LC89515K
Description  CD-ROM/CD-I Error Correction/ Host Interface LSI
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

LC89515K Datasheet(HTML) 6 Page - Sanyo Semicon Device

   
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
No. 4272-6/6
LC89515K
Specifications
Absolute Maximum Ratings at VSS = 0 V
Allowable Operating Ranges at Ta = –30 to +70°C, VSS = 0 V
Electrical Characteristics
DC Characteristics at Ta = –30 to +70°C, VSS = 0 V, VDD = 4.5 to 5.5 V
This catalog provides information as of February, 1997. Specifications and information herein are subject to
change without notice.
s No products described or contained herein are intended for use in surgical implants, life-support systems, aerospace
equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and the like, the failure of
which may directly or indirectly cause injury, death or property loss.
s Anyone purchasing any products described or contained herein for an above-mentioned use shall:
ΠAccept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and
distributors and all their officers and employees, jointly and severally, against any and all claims and litigation and all
damages, cost and expenses associated with such use:
 Not impose any responsibility for any fault or negligence which may be cited in any such claim or litigation on
SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of their officers and employees
jointly or severally.
s Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for
volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied
regarding its use or any infringements of intellectual property rights or other rights of third parties.
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
Ta = 25°C
–0.3 to +7.0
V
I/O voltages
VI, VO
Ta = 25°C
–0.3 to VDD + 0.3
V
Allowable power dissipation
Pd max
Ta
≤ 70°C
350
mW
Operating temperature
Topr
–30 to +70
°C
Storage temperature
Tstg
–55 to +125
°C
Soldering temperature
10 seconds
260
°C
Parameter
Symbol
Conditions
min
typ
max
Unit
Supply voltage
VDD
4.5
5.0
5.5
V
Input voltage range
VIN
0
VDD
V
Parameter
Symbol
Conditions
min
typ
max
Unit
Input high level voltage
VIH1
All input pins except those in (1) below and XTALCK
2.2
V
Input low level voltage
VIL1
0.8
V
Input high level voltage
VIH2
(1) RESET (Schmitt trigger), RD, WR, HRD, HWR,
2.5
V
Input low level voltage
VIL2
CMD, CS, ENABLE and all bus pins
0.6
V
Output high level voltage
VOH
IOH = –2 mA
2.4
V
Output low level voltage
VOL1
IOL = 2 mA
0.4
V
Output low level voltage
VOL2
IOL = 2 mA
(2) INT (open drain circuit
0.4
V
with pull-up resistor)
Input leakage current
IL
VI = VSS, VDD: All input pins
–25
+25
µA
Pull-up resistance
RUP
All bus pins, INT
10
20
40
k
All output pins(including the
bus pins) except those in (2)
below and XTAL


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn