Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M6302 Datasheet(PDF) 1 Page - PETERMANN-TECHNIK

Part No. M6302
Description  HIGH RELIABILITY FOR LOW COST
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PETERMANN [PETERMANN-TECHNIK]
Homepage  http://www.petermann-technik.de
Logo 

M6302 Datasheet(HTML) 1 Page - PETERMANN-TECHNIK

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
- HIGH RELIABILITY FOR LOW COST
- PECL OUTPUT SIGNAL
- COMPLEMENTARY OUTPUT OPTION
- JITTER OPTIMIZED DIP 14 PECL CLOCK OSCILLATOR
- EXCELLENT CLOCK SIGNAL GENERATOR FOR TELECOM AND TRANSMISSION SYSTEMS
SERIES
PACKAGE
FREQUENCY STABILITY
AGING
OPERATING TEMPERATURE RANGE
STORAGE TEMPERATURE RANGE
VOLTAGE
CURRENT
STANDARD
OPTION
RISE AND FALL TIME PECL
"0" LEVEL
"1" LEVEL
LOAD
PECL
PIN CONNECTION
START-UP TIME
PERIOD JITTER RMS
PART NUMBERING SYSTEM
EXAMPLE
SERIES
M6302
BLANK FOR 100 PPM
50 FOR 50 PPM
BLANK FOR 0/+70°C
N = -10/+60°C
M = -20/+70°C
W = -40/+85°C
BLANK FOR 40/60%
S FOR 45/55%
COMPLEMENTARY
BLANK PIN 1 NOT CONNECTED
OUTPUT
C FOR COMPLEMENTARY OUTPUT
REQUIRED FREQUENCY
OUTPUT
VDD -1.62V max.
VDD -1.02V min.
SYMMETRY
PECL 3.3 VOLT
40/60%
45/55%
1.5 ns max. (20 ~ 80% PECL)
- EXTENDED TEMPERATURE RANGE TO -40/+85°C
INPUT
+3.3 VDC +-5%
-55/+125°C
FREQUENCY RANGE
480.0 ~ 700.0 MHz
100 mA max.
+-50 ~ +-100 ppm
M6302
14 PIN DIP
PETERMANN-TECHNIK | Amselweg 8 | D-86916 Kaufering
Fon: 00 49 (0) 81 91 / 30 53 95 | Fax: 00 49 (0) 81 91 / 30 53 97
http://www.petermann-technik.de | info@petermann-technik.de
FREQUENCY
SYMMETRY
FREQUENCY STABILITY
OTHER PARAMETERS ARE AVAILABLE ON REQUEST / CREATE HERE YOUR SPECIFICATION
M6302-50-W-S-C-622.08MHz
TEMPERATURE RANGE
+-5 ppm after first year
0/+70°C ~ -40/+85°C
10 ms max.
8 ps max.
SEE OUTLINE DRAWINGS
50
Ω to VDD -2VDC
PETERMANN
TECHNIK
Time & Frequency Components


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn