Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC18 Datasheet(PDF) 2 Page - PETERMANN-TECHNIK

Part # TC18
Description  HIGH RELIABILITY FOR LOW COST FREQUENCY STABILITY TO -1.0 PPM
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PETERMANN [PETERMANN-TECHNIK]
Direct Link  http://www.petermann-technik.de
Logo PETERMANN - PETERMANN-TECHNIK

TC18 Datasheet(HTML) 2 Page - PETERMANN-TECHNIK

  TC18 Datasheet HTML 1Page - PETERMANN-TECHNIK TC18 Datasheet HTML 2Page - PETERMANN-TECHNIK  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PART NUMBERING SYSTEM
EXAMPLE
TYPE
PACAKGE
STYLE
VERSION
FREQUENCY STABILTY
VS. TEMPERATURE
OUTPUT TYPE - FREQUENCY
18
18L
OUTLINE DRAWING OF TC18
OUTLINE DRAWING OF TC18L
PETERMANN-TECHNIK | Amselweg 8 | D-86916 Kaufering
Fon: 00 49 (0) 81 91 / 30 53 95 | Fax: 00 49 (0) 81 91 / 30 53 97
http://www.petermann-technik.de | info@petermann-technik.de
TC18L-F-A-2-10.000MHz
TC
SEE TABLE 1
SEE TABLE 2 - FREQUENCY
F for FUND.
PETERMANN
TECHNIK
Time & Frequency Components
PIN
#1
#2
#3
FUNCTION
GROUND
OUTPUT
Power Supply
18.30+0.3
0.5 DIN
3
1
2
1.0
4.0
Unit:mm
15.24
18.30
Note: Lead-Kovar
Finish-Ni Plated
Tag
6.20
3.10 DIA
-
PIN
#1
#2
#3
FUNCTION
GROUND
OUTPUT
Power Supply
18.30+0.3
0.5 DIN
3
1
2
4.0
Unit:mm
15.24
18.30
Note: Lead-Kovar
Finish-Ni Plated
Tag
6.20
3.10 DIA
-


Similar Part No. - TC18

ManufacturerPart #DatasheetDescription
logo
Topstek Inc.
TC18.5A4V TOPSTEK-TC18.5A4V Datasheet
154Kb / 4P
   Topstek Current Transducer
logo
Lite-On Technology Corp...
TC1800H LITEON-TC1800H Datasheet
46Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
logo
Transcom, Inc.
TC1801 TRANSCOM-TC1801 Datasheet
109Kb / 3P
   5W High Linearity and High Efficiency GaAs Power FETs
TC1806 TRANSCOM-TC1806 Datasheet
158Kb / 4P
   5W High Linearity and High Efficiency GaAs Power FETs
logo
Productwell Precision E...
TC1809D-200M PRODUCTWELL-TC1809D-200M Datasheet
129Kb / 4P
   TOROID INDUCTORS
More results

Similar Description - TC18

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
OC14 PETERMANN-OC14 Datasheet
72Kb / 2P
   HIGH RELIABILITY FOR LOW COST FREQUENCY STABILITY TO -0.1 PPM
M4511 PETERMANN-M4511 Datasheet
137Kb / 3P
   HIGH RELIABILITY FOR LOW COST TEMPERATURE STABILITY OF -1 PPM AVAILABLE
M4500 PETERMANN-M4500 Datasheet
135Kb / 3P
   HIGH RELIABILITY FOR LOW COST TEMPERATURE STABILITY OF -1 PPM AVAILABLE
OCXO-50 PETERMANN-OCXO-50 Datasheet
25Kb / 2P
   HIGH RELIABILITY FOR LOW COST FREQUENCY RANGE OF 1.0 ~ 160.0 MHz
UM1 PETERMANN-UM1 Datasheet
141Kb / 2P
   HIGH RELIABILITY FOR LOW COST TIGTH TEMPERATURE STABILITY POSSIBLE
logo
List of Unclassifed Man...
STI5512 ETC-STI5512 Datasheet
110Kb / 2P
   HIGH RELIABILITY FOR LOW COST WIDE FREQUENCY RANGE
logo
PETERMANN-TECHNIK
SMD02016 PETERMANN-SMD02016_15 Datasheet
564Kb / 4P
   High reliability for low cost
ZTT-MTMX PETERMANN-ZTT-MTMX Datasheet
725Kb / 3P
   High reliability for low cost
VCTXO PETERMANN-VCTXO Datasheet
1Mb / 6P
   High reliability for low cost
UM1-SMD PETERMANN-UM1-SMD Datasheet
497Kb / 4P
   High reliability for low cost
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com