Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LC89512W Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part No. LC89512W
Description  CD-ROM Error Correction LSI with Built-In SCSI Interface
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC89512W Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LC89512W Datasheet HTML 1Page - Sanyo Semicon Device LC89512W Datasheet HTML 2Page - Sanyo Semicon Device LC89512W Datasheet HTML 3Page - Sanyo Semicon Device LC89512W Datasheet HTML 4Page - Sanyo Semicon Device LC89512W Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Pin Functions
Type: I: Input pin, O: Output pin, B: Bidirectional pin, P: Power supply pin, NC: No connection pin
No. 4852-3/5
LC89512W
Continued on next page.
Pin No.
Pin
Type
Function
1
DB7
B
SCSI connection
2
VSS1
P
3
DBP
B
SCSI connection
4
ATN
B
SCSI connection
5
VSS1
P
6
BSY
B
SCSI connection
7
ACK
B
SCSI connection
8
VSS1
P
9
RST
B
SCSI connection
10
MSG
B
SCSI connection
11
VSS1
P
12
SEL
B
SCSI connection
13
C/D
B
SCSI connection
14
VSS1
P
15
REQ
B
SCSI connection
16
I/O
B
SCSI connection
17
VSS0
P
18
IO0
B
19
IO1
B
20
IO2
B
21
IO3
B
Data buffer RAM data signals
22
IO4
B
These pins have built-in pull-up resistors.
23
IO5
B
24
IO6
B
25
IO7
B
26
INT1
O
SCSI block interrupt request signal output (set using a register)
27
VSS0
P
28
VSS0
P
29
D0
B
30
D1
B
31
D2
B
32
D3
B
Microprocessor data signals
33
D4
B
These pins have built-in pull-up resistors.
34
D5
B
35
D6
B
36
D7
B
37
INT0
O
Microprocessor interrupt request signal output
38
XTALCK
I
Crystal oscillator circuit input
39
XTAL
O
Crystal oscillator circuit output
40
VSS0
P
41
VDD
P
42
RA0
O
43
RA1
O
44
RA2
O
45
RA3
O
46
RA4
O
47
RA5
O
48
RA6
O
Data buffer RAM address signal outputs
49
RA7
O
50
RA8
O
51
RA9
O
52
RA10
O
53
RA11
O


Similar Part No. - LC89512W

ManufacturerPart No.DatasheetDescription
Sanyo Semicon Device
Sanyo Semicon Device
LC895124 SANYO-LC895124 Datasheet
84Kb / 8P
   CD-ROM Driver with On-Chip SCSI Interface and Subcode Functions
LC895125Q SANYO-LC895125Q Datasheet
113Kb / 11P
   CD-ROM Driver with On-Chip SCSI Interface and Subcode Functions
LC895125W SANYO-LC895125W Datasheet
113Kb / 11P
   CD-ROM Driver with On-Chip SCSI Interface and Subcode Functions
LC895126 SANYO-LC895126 Datasheet
88Kb / 7P
   CD-ROM Decoder with Built-in SCSI Interface
LC895127 SANYO-LC895127 Datasheet
53Kb / 8P
   40 x CD-ROM Decoder with SCSI Interface
More results

Similar Description - LC89512W

ManufacturerPart No.DatasheetDescription
Sanyo Semicon Device
Sanyo Semicon Device
LC89517K SANYO-LC89517K Datasheet
114Kb / 5P
   Built-in Subcode Interface CD-ROM/CD-I Error Correction LSI
LC895170W SANYO-LC895170W Datasheet
117Kb / 5P
   CD-ROM Error Correction LSI
LC89515K SANYO-LC89515K Datasheet
57Kb / 6P
   CD-ROM/CD-I Error Correction/ Host Interface LSI
LC895126 SANYO-LC895126 Datasheet
88Kb / 7P
   CD-ROM Decoder with Built-in SCSI Interface
LC895194 SANYO-LC895194 Datasheet
85Kb / 7P
   CD-ROM Error Correction LSI with On-Chip ATA-PI (IDE) Interface
LC89513K SANYO-LC89513K Datasheet
108Kb / 4P
   CD-ROM Error Correction LSI for Integrated Host CPU System
NXP Semiconductors
NXP Semiconductors
SAA7382 PHILIPS-SAA7382 Datasheet
226Kb / 60P
   Error correction and host interface IC for CD-ROM ELM
1996 Apr 25
SAA7385 PHILIPS-SAA7385 Datasheet
251Kb / 64P
   Error correction and host interface IC for CD-ROM SEQUOIA
1996 Jun 19
SAA7380 PHILIPS-SAA7380 Datasheet
227Kb / 60P
   Error correction and host interface IC for CD-ROM ELM
1996 Apr 25
SAA7388 PHILIPS-SAA7388 Datasheet
226Kb / 60P
   Error correction and host interface IC for CD-ROM ELM
1996 Apr 26
More results


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz