Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC895125W Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LC895125W
Description  CD-ROM Driver with On-Chip SCSI Interface and Subcode Functions
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC895125W Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LC895125W Datasheet HTML 3Page - Sanyo Semicon Device LC895125W Datasheet HTML 4Page - Sanyo Semicon Device LC895125W Datasheet HTML 5Page - Sanyo Semicon Device LC895125W Datasheet HTML 6Page - Sanyo Semicon Device LC895125W Datasheet HTML 7Page - Sanyo Semicon Device LC895125W Datasheet HTML 8Page - Sanyo Semicon Device LC895125W Datasheet HTML 9Page - Sanyo Semicon Device LC895125W Datasheet HTML 10Page - Sanyo Semicon Device LC895125W Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Continued from preceding page.
Type: I: Input pin, O: Output pin, B: Bidirectional pin, P: Power supply pin, NC: No connection pin
Note: 1. NC pins must be left open. Do not connect any signal to these pins.
2. Pin names that start with Z are negative-logic signals.
3. VSS0 is the logic system ground and VSS1 is the SCSI interface ground.
4. Applications that use DRAM must insert resistors in the CAS and RAS lines, connect capacitors between these lines and ground, and take any
other measures necessary to prevent undershoot in the DRAM related circuits.
5. Since these circuits include buffers that sink 48 mA, adequate noise prevention measures must be applied.
No. 5241-9/11
LC895125Q, 895125W
Pin No.
Symbol
Type
Function
101
SEL
B
SCSI connection
102
C/D
B
103
VSS1
P
104
REQ
B
SCSI connection
105
I/O
B
106
VSS1
P
107
VDD
P
108
VSS0
P
109
VDD
P
110
VSS0
P
111
NC
112
VSS0
P
113
VSS0
P
114
VSS0
P
115
NC
116
NC
117
C2PO
I
118
SDATA
I
CD DSP interface
119
BCK
I
120
LRCK
I
121
MCK
O
Outputs the XTALCK0 frequency, or that frequency divided by 2.
122
VSS0
P
123
EXCK
O
124
WFCK
I
Subcode I/O
125
SBSO
I
126
VDD
P
127
VSS0
P
128
SCOR
I
Subcode I/O
129
VSS0
P
130
NC
131
ZRAS0
O
Buffer RAM RAS signal output pin 0 (Normally, pin 0 is used)
132
ZRAS1
O
Buffer RAM RAS signal output pin 1
133
ZCAS0
O
Buffer RAM CAS signal output pin 0 (Normally, pin 0 is used)
134
ZCAS1
O
Buffer RAM CAS signal output pin 1
135
ZOE
O
Buffer RAM output enable
136
ZUWE
O
Buffer RAM upper write enable
137
ZLWE
O
Buffer RAM lower write enable
138
VSS0
P
139
RA0
O
140
RA1
O
141
RA2
O
Buffer RAM address signal outputs
142
RA3
O
143
RA4
O
144
VDD
P


Similar Part No. - LC895125W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC895124 SANYO-LC895124 Datasheet
84Kb / 8P
   CD-ROM Driver with On-Chip SCSI Interface and Subcode Functions
LC895126 SANYO-LC895126 Datasheet
88Kb / 7P
   CD-ROM Decoder with Built-in SCSI Interface
LC895127 SANYO-LC895127 Datasheet
53Kb / 8P
   40 x CD-ROM Decoder with SCSI Interface
LC895127K SANYO-LC895127K Datasheet
53Kb / 8P
   40 x CD-ROM Decoder with SCSI Interface
LC89512W SANYO-LC89512W Datasheet
52Kb / 5P
   CD-ROM Error Correction LSI with Built-In SCSI Interface
More results

Similar Description - LC895125W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC895124 SANYO-LC895124 Datasheet
84Kb / 8P
   CD-ROM Driver with On-Chip SCSI Interface and Subcode Functions
LC897127K SANYO-LC897127K Datasheet
79Kb / 14P
   SCSI CD-ROM Decoder with On-Chip DVD Interface
logo
Sony Corporation
CXD1198AQ SONY-CXD1198AQ Datasheet
426Kb / 51P
   CD-ROM Subcode Decoder
logo
Sanyo Semicon Device
LC895127 SANYO-LC895127 Datasheet
53Kb / 8P
   40 x CD-ROM Decoder with SCSI Interface
LC895126 SANYO-LC895126 Datasheet
88Kb / 7P
   CD-ROM Decoder with Built-in SCSI Interface
LC89517K SANYO-LC89517K Datasheet
114Kb / 5P
   Built-in Subcode Interface CD-ROM/CD-I Error Correction LSI
LC89512W SANYO-LC89512W Datasheet
52Kb / 5P
   CD-ROM Error Correction LSI with Built-In SCSI Interface
LC895194 SANYO-LC895194 Datasheet
85Kb / 7P
   CD-ROM Error Correction LSI with On-Chip ATA-PI (IDE) Interface
logo
Rohm
BA5973FP ROHM-BA5973FP Datasheet
137Kb / 7P
   3-channel BTL driver for CD, CD-ROM, DVD, and DVD-ROM
BA5995FM ROHM-BA5995FM Datasheet
122Kb / 8P
   BTL driver for CD/CD-ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com