Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D2959B Datasheet(PDF) 4 Page - PETERMANN-TECHNIK

Part # D2959B
Description  HIGH RELIABILITY FOR LOW COST
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PETERMANN [PETERMANN-TECHNIK]
Direct Link  http://www.petermann-technik.de
Logo PETERMANN - PETERMANN-TECHNIK

D2959B Datasheet(HTML) 4 Page - PETERMANN-TECHNIK

  D2959B Datasheet HTML 1Page - PETERMANN-TECHNIK D2959B Datasheet HTML 2Page - PETERMANN-TECHNIK D2959B Datasheet HTML 3Page - PETERMANN-TECHNIK D2959B Datasheet HTML 4Page - PETERMANN-TECHNIK D2959B Datasheet HTML 5Page - PETERMANN-TECHNIK  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PETERMANN
TECHNIK
Time & Frequency Components
PETERMANN-TECHNIK | Amselweg 8 | D-86916 Kaufering
Fon: 00 49 (0) 81 91 / 30 53 95 | Fax: 00 49 (0) 81 91 / 30 53 97
http://www.petermann-technik.de | info@petermann-technik.de
3 x 3 mm SMD
3.0 + 0.13
-
0.85+0.08
-
1.5max
#1
#6
#4
#3
#2
#5
0.6
1.40
PIN
#1
#2
#3
#4
CONNECTION
INPUT
#5
#6
GROUND
OUTPUT
Unit: mm
GROUND
GROUND
GROUND
TO-5
Unit:mm
TO-8
Unit:mm
015.6max
5-00.5
5.0
3.75 3.75
DIP10K
18.5max
0.50
4-2.54
0.4
12.7
11.5
1
234
5
6
7
8
9
10
Unit: mm


Similar Part No. - D2959B

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
D2912A INTEL-D2912A Datasheet
680Kb / 12P
   PCM TRANSMIT/RECEIVE FILTER
logo
eupec GmbH
D291S EUPEC-D291S Datasheet
81Kb / 5P
   European Power-Semiconductor and Electronics Company
logo
Inchange Semiconductor ...
D291S45T ISC-D291S45T Datasheet
313Kb / 2P
   Fast Recovery Diode
logo
Harwin Plc
D2922-42 HARWIN-D2922-42 Datasheet
181Kb / 1P
   DIL IC SOCKET OPEN FRAME
D2924-42 HARWIN-D2924-42 Datasheet
181Kb / 1P
   DIL IC SOCKET OPEN FRAME
More results

Similar Description - D2959B

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
SMD02016 PETERMANN-SMD02016_15 Datasheet
564Kb / 4P
   High reliability for low cost
ZTT-MTMX PETERMANN-ZTT-MTMX Datasheet
725Kb / 3P
   High reliability for low cost
VCTXO PETERMANN-VCTXO Datasheet
1Mb / 6P
   High reliability for low cost
UM1-SMD PETERMANN-UM1-SMD Datasheet
497Kb / 4P
   High reliability for low cost
SXO18 PETERMANN-SXO18 Datasheet
888Kb / 3P
   High reliability for low cost
SMD-VCXO4-0507-3 PETERMANN-SMD-VCXO4-0507-3 Datasheet
298Kb / 3P
   High reliability for low cost
M7502 PETERMANN-M7502 Datasheet
134Kb / 3P
   HIGH RELIABILITY FOR LOW COST
M2500 PETERMANN-M2500 Datasheet
147Kb / 2P
   HIGH RELIABILITY FOR LOW COST
M4115 PETERMANN-M4115 Datasheet
78Kb / 1P
   HIGH RELIABILITY FOR LOW COST
M6302 PETERMANN-M6302 Datasheet
122Kb / 2P
   HIGH RELIABILITY FOR LOW COST
M6337 PETERMANN-M6337 Datasheet
125Kb / 2P
   HIGH RELIABILITY FOR LOW COST
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com