Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M4500 Datasheet(PDF) 1 Page - PETERMANN-TECHNIK

Part # M4500
Description  HIGH RELIABILITY FOR LOW COST TEMPERATURE STABILITY OF -1 PPM AVAILABLE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PETERMANN [PETERMANN-TECHNIK]
Direct Link  http://www.petermann-technik.de
Logo PETERMANN - PETERMANN-TECHNIK

M4500 Datasheet(HTML) 1 Page - PETERMANN-TECHNIK

  M4500 Datasheet HTML 1Page - PETERMANN-TECHNIK M4500 Datasheet HTML 2Page - PETERMANN-TECHNIK M4500 Datasheet HTML 3Page - PETERMANN-TECHNIK  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
- HIGH RELIABILITY FOR LOW COST
- TEMPERATURE STABILITY OF +-1 PPM AVAILABLE
- EXCELLENT PHASE NOISE PERFORMANCE
- LOW POWER CONSUMPTION
- CHEAPEST AVAILABLE LEADED TCXO IN HERMETICALLY SEALED DIP PACKAGE
SERIES
PACKAGE
HCMOS / TTL
CLIPPED SINE WAVE
VS. TEMPERATURE
VS. SUPPLY VOLTAGE
VS. LOAD
VS. AGING
OPERATING TEMPERATURE RANGE
STORAGE TEMPERATURE RANGE
VOLTAGE
STANDARD
OPTION
RISE AND FALL TIME FOR HCMOS
RISE AND FALL TIME FOR TTL
"0" LEVEL
"1" LEVEL
"0" LEVEL
"1" LEVEL
CLIPPED SINE WAVE
HCMOS
TTL
CLIPPED SINE WAVE
STANDARD
OPTION
EXTERNAL CONTROL VOLTAGE
10 Hz offset from carrier
100 Hz offset from carrier
1 kHz offset from carrier
10 kHz offset from carrier
100 kHz offset from carrier
PIN 1
PIN 7
PIN 8
PIN 14
NOT CONNECTED OR CONTROL VOLTAGE
-150 dBc/Hz
0.4 VDC max.
15 pF
10 k
Ω / 10 pF
CASE GROUND
OUTPUT
SUPPLY VOLTAGE
- EXTENDED TEMPERATURE RANGE TO -40/+85°C AVAILABLE
10 ns max. (10% VDD TO 90% VDD)
HCMOS / TTL
CLIPPED SINE WAVE
SYMMETRY
FREQUENCY RANGE
CURRENT
-0/+50°C ~ -40/+85°C
2.5 VDC +-2 VDC
-145 dBc/Hz
-80 dBc/Hz
-105 dBc/Hz
-130 dBc/Hz
+-5 ppm min. by external control voltage
10% VDD max.
90% VDD min.
+5.0 VDC +-5%
45/55% for HCMOS / TTL
10 ns max. (0.4 TO 2.4 VOLT)
+-3 ppm min. per internal trimmer
-40/+85°C
2 TTL
40 mA max. for HCMOS / TTL
3 mA max. for CLIPPED SINE WAVE
40/60% for HCMOS / TTL
M4500
DIP 14 PACKAGE
2.0 ~ 51.84 MHz
10.0 ~ 51.84 MHz
+-1 ~ +-5 ppm
+-0.5 ppm max. / 5VDC +-5%
+-0.2 ppm max. / 10 pF ~ 20 pF
+-1 ppm max. per year
PETERMANN-TECHNIK | Amselweg 8 | D-86916 Kaufering
Fon: 00 49 (0) 81 91 / 30 53 95 | Fax: 00 49 (0) 81 91 / 30 53 97
http://www.petermann-technik.de | info@petermann-technik.de
OTHER PARAMETERS ARE AVAILABLE ON REQUEST / CREATE HERE YOUR SPECIFICATION
OUTPUT
FREQUENCY STABILITY
HCMOS
PIN CONNECTION
SIGNALS
FREQUENCY
ADJUSTMENT
PHASE NOISE (typical)
INPUT
TTL
1.0 V peak to peak min.
2.4 VDC min.
LOAD
PETERMANN
TECHNIK
Time & Frequency Components


Similar Part No. - M4500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M4500 ETC2-M4500 Datasheet
293Kb / 2P
   Straight-Thru, PG Hubs with Integral Sealing Ring
logo
Heyco.
M4500 HEYCO-M4500 Datasheet
268Kb / 1P
   Tite Liquid Tight Cordgrips
More results

Similar Description - M4500

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
M4511 PETERMANN-M4511 Datasheet
137Kb / 3P
   HIGH RELIABILITY FOR LOW COST TEMPERATURE STABILITY OF -1 PPM AVAILABLE
OC14 PETERMANN-OC14 Datasheet
72Kb / 2P
   HIGH RELIABILITY FOR LOW COST FREQUENCY STABILITY TO -0.1 PPM
TC18 PETERMANN-TC18 Datasheet
26Kb / 2P
   HIGH RELIABILITY FOR LOW COST FREQUENCY STABILITY TO -1.0 PPM
UM1 PETERMANN-UM1 Datasheet
141Kb / 2P
   HIGH RELIABILITY FOR LOW COST TIGTH TEMPERATURE STABILITY POSSIBLE
OCXO-20 PETERMANN-OCXO-20 Datasheet
24Kb / 2P
   HIGH RELIABILITY FOR LOW COST AGING OF -0.001 PPM/DAY IN SMALL PACKAGE
OCXO-25 PETERMANN-OCXO-25 Datasheet
22Kb / 2P
   HIGH RELIABILITY FOR LOW COST AGING OF -0.001 PPM/DAY IN COMPACT PACKAGE
OCXO-36 PETERMANN-OCXO-36 Datasheet
23Kb / 2P
   HIGH RELIABILITY FOR LOW COST AGING OF -0.001 PPM/DAY IN COMPACT PACKAGE
HC-49US-SMD PETERMANN-HC-49US-SMD Datasheet
176Kb / 3P
   HIGH RELIABILITY FOR LOW COST / CHEAPEST AVAILABLE CRYSTAL
M4517 PETERMANN-M4517 Datasheet
139Kb / 3P
   HIGH RELIABILITY FOR LOW COST AVAILABLE AS TCXO AND VCTCXO
M4518 PETERMANN-M4518 Datasheet
134Kb / 3P
   HIGH RELIABILITY FOR LOW COST AVAILABLE AS TCXO AND VCTCXO
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com