Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC895124 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LC895124
Description  CD-ROM Driver with On-Chip SCSI Interface and Subcode Functions
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC895124 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC895124 Datasheet HTML 1Page - Sanyo Semicon Device LC895124 Datasheet HTML 2Page - Sanyo Semicon Device LC895124 Datasheet HTML 3Page - Sanyo Semicon Device LC895124 Datasheet HTML 4Page - Sanyo Semicon Device LC895124 Datasheet HTML 5Page - Sanyo Semicon Device LC895124 Datasheet HTML 6Page - Sanyo Semicon Device LC895124 Datasheet HTML 7Page - Sanyo Semicon Device LC895124 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Continued from preceding page.
Type: I: Input pin, O: Output pin, B: Bidirectional pin, P: Power supply pin, NC: No connection pin
Note: 1. NC pins must be left open. Do not connect any signal to these pins.
2. Pin names that start with Z are negative-logic signals.
3. VSS0 is the logic system ground and VSS1 is the SCSI interface ground.
4. Applications that use DRAM must insert resistors in the CAS and RAS lines, connect capacitors between these lines and ground, and take any
other measures necessary to prevent undershoot in the DRAM related circuits.
5. Since these circuits include buffers that sink 48 mA, adequate noise prevention measures must be applied.
No. 5240-5/8
LC895124
Pin No.
Symbol
Type
Function
51
TEST3
I
Test pins. These pins must be connected to VSS0.
52
TEST4
I
53
ZRESET
I
LSI reset. The LSI is reset on a 0 input.
54
VDD
P
55
VSS0
P
56
CSCTRL
I
Selects active-high or active-low for the microcontroller CS logic.
57
X1EN
I
Selection pin that must be set to 1 when XTALCK1 is used.
58
XTALCK1
I
SCSI block oscillator circuit input. Selected by X1EN.
59
XTAL1
O
SCSI block oscillator circuit output.
60
ZSWAIT
O
WAIT signal output to the microcontroller
61
VDD
P
62
VSS0
P
63
D0
B
64
D1
B
65
D2
B
66
D3
B
67
D4
B
Microcontroller data signals
68
D5
B
69
D6
B
70
D7
B
71
ZRD
I
Microcontroller data read signal input
72
VSS0
P
73
VDD
P
74
ZWR
I
Microcontroller data write signal input
75
ZCS
I
Input for the register chip select signal from the microcontroller
76
SUA0
I
77
SUA1
I
78
SUA2
I
79
SUA3
I
Register chip select signal from the microcontoller
80
SUA4
I
81
SUA5
I
82
SUA6
I
83
ZINT0
O
Interrupt request output to the microcontroller (ECC side. Set with a register.)
84
ZINT1
O
Interrupt request output to the microcontroller (SCSI side. Set with a register.)
85
NC
86
NC
87
NC
88
NC
89
NC
90
VDD
P
91
VSS1
P
92
NC
93
NC
94
NC
95
DB0
B
SCSI connection
96
VSS1
P
97
DB1
B
SCSI connection
98
DB2
B
99
VSS1
P
100
DB3
B
SCSI connection
Continued on next page.


Similar Part No. - LC895124

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC895125Q SANYO-LC895125Q Datasheet
113Kb / 11P
   CD-ROM Driver with On-Chip SCSI Interface and Subcode Functions
LC895125W SANYO-LC895125W Datasheet
113Kb / 11P
   CD-ROM Driver with On-Chip SCSI Interface and Subcode Functions
LC895126 SANYO-LC895126 Datasheet
88Kb / 7P
   CD-ROM Decoder with Built-in SCSI Interface
LC895127 SANYO-LC895127 Datasheet
53Kb / 8P
   40 x CD-ROM Decoder with SCSI Interface
LC895127K SANYO-LC895127K Datasheet
53Kb / 8P
   40 x CD-ROM Decoder with SCSI Interface
More results

Similar Description - LC895124

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC895125Q SANYO-LC895125Q Datasheet
113Kb / 11P
   CD-ROM Driver with On-Chip SCSI Interface and Subcode Functions
LC897127K SANYO-LC897127K Datasheet
79Kb / 14P
   SCSI CD-ROM Decoder with On-Chip DVD Interface
logo
Sony Corporation
CXD1198AQ SONY-CXD1198AQ Datasheet
426Kb / 51P
   CD-ROM Subcode Decoder
logo
Sanyo Semicon Device
LC895127 SANYO-LC895127 Datasheet
53Kb / 8P
   40 x CD-ROM Decoder with SCSI Interface
LC895126 SANYO-LC895126 Datasheet
88Kb / 7P
   CD-ROM Decoder with Built-in SCSI Interface
LC89517K SANYO-LC89517K Datasheet
114Kb / 5P
   Built-in Subcode Interface CD-ROM/CD-I Error Correction LSI
LC89512W SANYO-LC89512W Datasheet
52Kb / 5P
   CD-ROM Error Correction LSI with Built-In SCSI Interface
LC895194 SANYO-LC895194 Datasheet
85Kb / 7P
   CD-ROM Error Correction LSI with On-Chip ATA-PI (IDE) Interface
logo
Rohm
BA5973FP ROHM-BA5973FP Datasheet
137Kb / 7P
   3-channel BTL driver for CD, CD-ROM, DVD, and DVD-ROM
BA5995FM ROHM-BA5995FM Datasheet
122Kb / 8P
   BTL driver for CD/CD-ROM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com