Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD232 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD232
Description  Digital Signal Controller (DSC)
Download  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD232 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN65HVD232 Datasheet HTML 6Page - Texas Instruments SN65HVD232 Datasheet HTML 7Page - Texas Instruments SN65HVD232 Datasheet HTML 8Page - Texas Instruments SN65HVD232 Datasheet HTML 9Page - Texas Instruments SN65HVD232 Datasheet HTML 10Page - Texas Instruments SN65HVD232 Datasheet HTML 11Page - Texas Instruments SN65HVD232 Datasheet HTML 12Page - Texas Instruments SN65HVD232 Datasheet HTML 13Page - Texas Instruments SN65HVD232 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 158 page
background image
SM320F28335-HT
www.ti.com
SPRS682 – DECEMBER 2010
Digital Signal Controller (DSC)
1
SM320F28335 DSC
Resolution
1.1
Features
– Up to 6 Event Capture Inputs
12
• High-Performance Static CMOS Technology
– Up to 2 Quadrature Encoder Interfaces
– Up to 150 MHz for TC = -55°C to 125°C
– Up to 8 32-bit/Nine 16-bit Timers
and Up to 100 MHZ for TC = 210°C
• Three 32-Bit CPU Timers
– 1.9-V Core, 3.3-V I/O Design
• Serial Port Peripherals
• High-Performance 32-Bit CPU
– Up to 2 CAN Modules
– IEEE-754 Single-Precision Floating-Point
– Up to 3 SCI (UART) Modules
Unit (FPU) )
– Up to 2 McBSP Modules (Configurable as
– 16 x 16 and 32 x 32 MAC Operations
SPI)
– 16 x 16 Dual MAC
– One SPI Module
– Harvard Bus Architecture
– One Inter-Integrated-Circuit (I2C) Bus
– Fast Interrupt Response and Processing
• 12-Bit ADC, 16 Channels
– Unified Memory Programming Model
– 80-ns Conversion Rate
– Code-Efficient (in C/C++ and Assembly)
– 2 x 8 Channel Input Multiplexer
• Six Channel DMA Controller (for ADC, McBSP,
– Two Sample-and-Hold
ePWM, XINTF, and SARAM)
– Single/Simultaneous Conversions
• 16-bit or 32-bit External Interface (XINTF)
– Internal or External Reference
– Over 2M x 16 Address Reach
• Up to 88 Individually Programmable,
• On-Chip Memory
Multiplexed GPIO Pins With Input Filtering
– 256K x 16 Flash, 34K x 16 SARAM
• JTAG Boundary Scan Support (1)
– 1K x 16 OTP ROM
• Advanced Emulation Features
• Boot ROM (8K x 16)
– Analysis and Breakpoint Functions
– With Software Boot Modes (via SCI, SPI,
– Real-Time Debug via Hardware
CAN, I2C, McBSP, XINTF, and Parallel I/O)
• Development Support Includes
– Standard Math Tables
– ANSI C/C++ Compiler/Assembler/Linker
• Clock and System Control
– Code Composer Studio™ IDE
– Dynamic PLL Ratio Changes Supported
– DSP/BIOS™
– On-Chip Oscillator
– Digital Motor Control and Digital Power
– Watchdog Timer Module
Software Libraries
• GPIO0 to GPIO63 Pins Can Be Connected to
• Low-Power Modes and Power Savings
One of the Eight External Core Interrupts
– IDLE, STANDBY, HALT Modes Supported
• Peripheral Interrupt Expansion (PIE) Block That
– Disable Individual Peripheral Clocks
Supports All 58 Peripheral Interrupts
• Package Option
• 128-Bit Security Key/Lock
– Ceramic Pin Grid Array (GB)
– Protects Flash/OTP/RAM Blocks
• Temperature Range:
– Prevents Firmware Reverse Engineering
– –55°C to 210°C
• Enhanced Control Peripherals
– Up to 18 PWM Outputs
(1)
IEEE Standard 1149.1-1990 Standard Test Access Port and
– Up to 6 HRPWM Outputs With 150 ps MEP
Boundary Scan Architecture
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Code Composer Studio, DSP/BIOS are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN65HVD232

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD232 TI-SN65HVD232 Datasheet
416Kb / 29P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD232 TI-SN65HVD232 Datasheet
1Mb / 147P
[Old version datasheet]   TMS320R2811, TMS320R2812 Digital Signal Processors
SN65HVD232 TI-SN65HVD232 Datasheet
444Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD232 TI1-SN65HVD232 Datasheet
1Mb / 172P
[Old version datasheet]   Digital Signal Processors
SN65HVD232D TI-SN65HVD232D Datasheet
416Kb / 29P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results

Similar Description - SN65HVD232

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM320F28335PTPMEP TI-SM320F28335PTPMEP Datasheet
1Mb / 167P
[Old version datasheet]   Digital Signal Controller (DSC)
SM320F28335-EP TI1-SM320F28335-EP_16 Datasheet
1Mb / 167P
[Old version datasheet]   Digital Signal Controller (DSC)
SM320F28335-HT TI1-SM320F28335-HT_14 Datasheet
1Mb / 182P
[Old version datasheet]   Digital Signal Controller (DSC)
SM320F28335-EP TI1-SM320F28335-EP_12 Datasheet
1Mb / 167P
[Old version datasheet]   Digital Signal Controller (DSC)
SM320F28335-EP TI-SM320F28335-EP Datasheet
1Mb / 169P
[Old version datasheet]   Digital Signal Controller (DSC)
SM320F28335GJZMEP TI1-SM320F28335GJZMEP Datasheet
1Mb / 167P
[Old version datasheet]   Digital Signal Controller (DSC)
logo
Advanced Micro Devices
AM79C30A AMD-AM79C30A Datasheet
1Mb / 101P
   Digital Subscriber Controller??(DSC?? Circuit
logo
Freescale Semiconductor...
MC56F8006 FREESCALE-MC56F8006 Datasheet
1Mb / 100P
   Digital Signal Controller
PC56F8006VWL FREESCALE-PC56F8006VWL Datasheet
1Mb / 106P
   Digital Signal Controller
56F8023 FREESCALE-56F8023 Datasheet
207Kb / 4P
   Digital Signal Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com