Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Si8241CB-B-IS1 Datasheet(PDF) 10 Page - Silicon Laboratories

Part # Si8241CB-B-IS1
Description  CLASS D AUDIO DRIVER WITH PRECISION DEAD-TIME GENERATOR
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si8241CB-B-IS1 Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button Si8241CB-B-IS1 Datasheet HTML 6Page - Silicon Laboratories Si8241CB-B-IS1 Datasheet HTML 7Page - Silicon Laboratories Si8241CB-B-IS1 Datasheet HTML 8Page - Silicon Laboratories Si8241CB-B-IS1 Datasheet HTML 9Page - Silicon Laboratories Si8241CB-B-IS1 Datasheet HTML 10Page - Silicon Laboratories Si8241CB-B-IS1 Datasheet HTML 11Page - Silicon Laboratories Si8241CB-B-IS1 Datasheet HTML 12Page - Silicon Laboratories Si8241CB-B-IS1 Datasheet HTML 13Page - Silicon Laboratories Si8241CB-B-IS1 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Si824x
10
Rev. 0.2
Table 6. IEC 60747-5-2 Insulation Characteristics*
Parameter
Symbol
Test Condition
Characteristic
Unit
NB SOIC-16
Maximum Working Insulation Voltage
VIORM
560
V peak
Input to Output Test Voltage
VPR
Method b1
(VIORM x1.875 =VPR,
100%
Production Test, tm = 1 sec,
Partial Discharge < 5 pC)
1050
V peak
Transient Overvoltage
VIOTM
t = 60 sec
4000
V peak
Pollution Degree
(DIN VDE 0110, Table 1)
2
Insulation Resistance at TS,
VIO =500 V
RS
>109
*Note: Maintenance of the safety data is ensured by protective circuits. The Si824x provides a climate classification of
40/125/21.
Table 7. IEC Safety Limiting Values1
Parameter
Symbol
Test Condition
NB SOIC-16
Unit
Case Temperature
TS
150
°C
Safety Input Current
IS
JA = 105 °C/W (NB SOIC-16),
VDDI =5.5 V,
VDDA =VDDB=24 V,
TJ = 150 °C, TA =25°C
50
mA
Device Power Dissipation2
PD
1.2
W
Notes:
1. Maximum value allowed in the event of a failure. Refer to the thermal derating curve in Figure 4.
2. The Si82xx is tested with VDDI =5.5 V, VDDA =VDDB =24 V, TJ =150 ºC, CL = 100 pF, input 2 MHz 50% duty cycle
square wave.


Similar Part No. - Si8241CB-B-IS1

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8241 SILABS-SI8241 Datasheet
1Mb / 12P
   PERFORMANCE IMPROVEMENTS IN CLASS D AUDIO AMPLIFIERS
logo
Skyworks Solutions Inc.
SI8241 SKYWORKS-SI8241 Datasheet
2Mb / 30P
   CLASS D AUDIO DRIVER WITH PRECISION DEAD-TIME GENERATOR
Revision 0.1 to Revision 0.2
More results

Similar Description - Si8241CB-B-IS1

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI824X SILABS-SI824X Datasheet
1Mb / 30P
   CLASS D AUDIO DRIVER WITH PRECISION DEAD-TIME GENERATOR
logo
Skyworks Solutions Inc.
SI824X SKYWORKS-SI824X Datasheet
2Mb / 30P
   CLASS D AUDIO DRIVER WITH PRECISION DEAD-TIME GENERATOR
Revision 0.1 to Revision 0.2
logo
International Rectifier
IRS20124S IRF-IRS20124S Datasheet
218Kb / 24P
   DIGITAL AUDIO DRIVER WITH DISCRETE DEAD-TIME AND PROTECTION
logo
Intersil Corporation
ISL6745 INTERSIL-ISL6745 Datasheet
226Kb / 8P
   Bridge Controller with Precision Dead Time Control
logo
Renesas Technology Corp
ISL6745 RENESAS-ISL6745 Datasheet
418Kb / 8P
   Bridge Controller with Precision Dead Time Control
logo
Intersil Corporation
ISL6745AAUZ INTERSIL-ISL6745AAUZ Datasheet
194Kb / 9P
   Improved Bridge Controller with Precision Dead Time Control
September 11, 2008
ISL6745A INTERSIL-ISL6745A Datasheet
197Kb / 9P
   Improved Bridge Controller with Precision Dead Time Control
logo
NXP Semiconductors
TDA8939TH PHILIPS-TDA8939TH Datasheet
99Kb / 21P
   Zero dead time Class-D 7.5 A power comparator
Rev. 01-22 April 2004
logo
Renesas Technology Corp
ISL6745A RENESAS-ISL6745A Datasheet
589Kb / 13P
   Improved Bridge Controller with Precision Dead Time Control
logo
Texas Instruments
LM5105SD-NOPB TI1-LM5105SD-NOPB Datasheet
891Kb / 19P
[Old version datasheet]   Half Bridge Gate Driver with Programmable Dead-Time
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com