Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC8900KQ Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC8900KQ
Description  Digital Audio Interface Receiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC8900KQ Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC8900KQ Datasheet HTML 1Page - Sanyo Semicon Device LC8900KQ Datasheet HTML 2Page - Sanyo Semicon Device LC8900KQ Datasheet HTML 3Page - Sanyo Semicon Device LC8900KQ Datasheet HTML 4Page - Sanyo Semicon Device LC8900KQ Datasheet HTML 5Page - Sanyo Semicon Device LC8900KQ Datasheet HTML 6Page - Sanyo Semicon Device LC8900KQ Datasheet HTML 7Page - Sanyo Semicon Device LC8900KQ Datasheet HTML 8Page - Sanyo Semicon Device LC8900KQ Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Specifications
Absolute Maximum Ratings at Ta = 25°C
Allowable Operating Range at Ta = –30°C to +75°C
DC Characteristics at Ta = –30 to +75°C, VDD = 4.5 V to 5.5 V
AC Characteristics at Ta = –30 to 75°C, VDD = 4.5 to 5.5 V
Note 1: All input pins except DIN1, DIN2, DIN3, DIN4 and XMODE.
Note 2: XMODE pin
Note 3: VDD=5.0V, Ta = 25 °C, input Fs=48 kHz.
Note 4: Before DIN1 to DIN4 input capacity is exceeded.
No. 4128-4/12
LC8900KQ
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
Ta = 25°C
–0.3 to +7.0
V
Input/output voltage
VI · VO
Ta = 25°C
–0.3 to VDD +0.3
V
Ambient operating temperature
Topr
–30 to +75
°C
Ambient storage temperature
Tstg
–55 to +125
°C
Parameter
Symbol
Conditions
min
typ
max
Unit
Supply voltage
VDD
4.5
5.0
5.5
V
Parameter
Symbol
Conditions
min
typ
max
Unit
Input high level voltage
VIH
*1
2.2
VDD + 0.3
V
Input low level voltage
VIL
*1
–0.3
0.8
V
Input high level voltage
VIH
*2
0.8 VDD
VDD + 0.3
V
Input low level voltage
VIL
*2
–0.3
0.2 VDD
Output high level voltage
VOH
IOH = –1 µA
VDD – 0.05
V
Output low level voltage
VOL
IOL = 1 µA
VSS + 0.05
V
Current drain
IDD
*3
11
12
mA
Input amplitude
VIN
*4
0.4
VDD + 0.3
VP-P
Parameter
Symbol
Conditions
min
typ
max
Unit
Output pulse width
tWBO
Fs = 48kHz
160
ns
Output set-up time
tDSO
80
ns
Output data hold time
tDHO
80
ns


Similar Part No. - LC8900KQ

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC8901 SANYO-LC8901 Datasheet
177Kb / 15P
   Digital Audio Interface Receiver
LC8901Q SANYO-LC8901Q Datasheet
177Kb / 15P
   Digital Audio Interface Receiver
LC8902 SANYO-LC8902 Datasheet
291Kb / 14P
   Digital Audio Interface Receiver
LC8902Q SANYO-LC8902Q Datasheet
291Kb / 14P
   Digital Audio Interface Receiver
LC8903 SANYO-LC8903 Datasheet
299Kb / 15P
   Digital Audio Interface Receiver?
More results

Similar Description - LC8900KQ

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DIR1703 BURR-BROWN-DIR1703 Datasheet
236Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
List of Unclassifed Man...
YM3623B ETC-YM3623B Datasheet
574Kb / 10P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Sanyo Semicon Device
LC89052T SANYO-LC89052T Datasheet
483Kb / 42P
   Digital Audio Interface Receiver
LC89052TA-E SANYO-LC89052TA-E Datasheet
230Kb / 42P
   Digital Audio Interface Receiver
logo
Burr-Brown (TI)
DIR1700 BURR-BROWN-DIR1700 Datasheet
87Kb / 3P
   DIGITAL AUDIO INTERFACE RECEIVER
DIR1701 BURR-BROWN-DIR1701 Datasheet
290Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Wolfson Microelectronic...
WM8803 WOLFSON-WM8803 Datasheet
376Kb / 45P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Sanyo Semicon Device
LC8901 SANYO-LC8901 Datasheet
177Kb / 15P
   Digital Audio Interface Receiver
LC8903 SANYO-LC8903 Datasheet
299Kb / 15P
   Digital Audio Interface Receiver?
LC89051V SANYO-LC89051V Datasheet
275Kb / 15P
   Digital Audio Interface Receiver
logo
STMicroelectronics
STA120DJ13TR STMICROELECTRONICS-STA120DJ13TR Datasheet
194Kb / 15P
   DIGITAL AUDIO INTERFACE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com