Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6TPE330MIL Datasheet(PDF) 3 Page - Linear Technology

Part # 6TPE330MIL
Description  10A High Effi ciency DC/DC 關Module
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

6TPE330MIL Datasheet(HTML) 3 Page - Linear Technology

  6TPE330MIL Datasheet HTML 1Page - Linear Technology 6TPE330MIL Datasheet HTML 2Page - Linear Technology 6TPE330MIL Datasheet HTML 3Page - Linear Technology 6TPE330MIL Datasheet HTML 4Page - Linear Technology 6TPE330MIL Datasheet HTML 5Page - Linear Technology 6TPE330MIL Datasheet HTML 6Page - Linear Technology 6TPE330MIL Datasheet HTML 7Page - Linear Technology 6TPE330MIL Datasheet HTML 8Page - Linear Technology 6TPE330MIL Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTM4600
3
4600fc
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTM4600E is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls. The LTM4600I is guaranteed over the
–40°C to 85°C temperature range.
Note 3: Test assumes current derating versus temperature.
Note 4: Guaranteed by correlation.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IS(VIN)
Input Supply Current
VIN = 12V, VOUT = 1.5V, IOUT = 10A
VIN = 12V, VOUT = 3.3V, IOUT = 10A
VIN = 5V, VOUT = 1.5V, IOUT = 10A
1.52
3.13
3.64
A
A
A
Output Specifications
IOUTDC
Output Continuous Current Range
(See Output Current Derating Curves for
Different VIN, VOUT and TA)
VIN = 12V, VOUT = 1.5V
0
10
A
ΔVOUT(LINE)
VOUT
Line Regulation Accuracy
VOUT = 1.5V, IOUT = 0A, FCB = 0V,
VIN = 4.5V to 20V
l
0.15
0.3
%
ΔVOUT(LOAD)
VOUT
Load Regulation Accuracy
VOUT = 1.5V, IOUT = 0A to 10A, FCB = 0V
VIN = 5V
VIN = 12V (Notes 3, 4)
l
±1
±1.5
%
%
VOUT(AC)
Output Ripple Voltage
VIN = 12V, VOUT = 1.5V, IOUT = 0A, FCB = 0V
10
15
mVP-P
fs
Output Ripple Voltage Frequency
VOUT = 1.5V, IOUT = 5A, FCB = 0V
850
kHz
tSTART
Turn-On Time
VOUT = 1.5V, IOUT = 1A
VIN = 12V
VIN = 5V
0.5
0.7
ms
ms
ΔVOUTLS
Voltage Drop for Dynamic Load Step
VOUT = 1.5V, Load Step: 0A/μs to 5A/μs
COUT = 3 • 22μF 6.3V, 470μF 4V POSCAP,
See Table 2
36
mV
tSETTLE
Settling Time for Dynamic Load Step
Load: 10% to 90% to 10% of Full Load
25
μs
IOUTPK
Output Current Limit
Output Voltage in Foldback
VIN = 12V, VOUT = 1.5V
VIN = 5V, VOUT = 1.5V
14
14
A
A
Control Stage
VOSET
Voltage at VOSET Pin
IOUT = 0A, VOUT = 1.5V
l
0.591
0.594
0.6
0.6
0.609
0.606
V
V
VRUN/SS
RUN ON/OFF Threshold
0.8
1.5
2
V
IRUN(C)/SS
Soft-Start Charging Current
VRUN/SS = 0V
–0.5
–1.2
–3
μA
IRUN(D)/SS
Soft-Start Discharging Current
VRUN/SS = 4V
0.8
1.8
3
μA
VIN – SVIN
EXTVCC = 0V, FCB = 0V
100
mV
IEXTVCC
Current into EXTVCC Pin
EXTVCC = 5V, FCB = 0V, VOUT = 1.5V,
IOUT = 0A
16
mA
RFBHI
Resistor Between VOUT and VOSET Pins
100
VFCB
Forced Continuous Threshold
0.57
0.6
0.63
V
IFCB
Forced Continuous Pin Current
VFCB = 0.6V
–1
–2
μA
PGOOD Output
ΔVOSETH
PGOOD Upper Threshold
VOSET Rising
7.5
10
12.5
%
ΔVOSETL
PGOOD Lower Threshold
VOSET Falling
–7.5
–10
–12.5
%
ΔVOSET(HYS)
PGOOD Hysteresis
VOSET Returning
2
%
VPGL
PGOOD Low Voltage
IPGOOD = 5mA
0.15
0.4
V
The
l denotes the specifications which apply over the –40°C to 85°C
temperature range, otherwise specifications are at TA = 25°C, VIN = 12V. Per typical application (front page) configuration.
ELECTRICAL CHARACTERISTICS


Similar Part No. - 6TPE330MIL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
6TPE330MIL NSC-6TPE330MIL Datasheet
980Kb / 22P
   3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
logo
Panasonic Semiconductor
6TPE330MIL PANASONIC-6TPE330MIL Datasheet
86Kb / 4P
   Surface Mount Type
6TPE330MIL PANASONIC-6TPE330MIL Datasheet
792Kb / 8P
   Conductive Polymer Tantalum Solid Capacitors
28-Apr-22
6TPE330MIL PANASONIC-6TPE330MIL Datasheet
792Kb / 8P
   Conductive Polymer Tantalum Solid Capacitors
28-Apr-22
More results

Similar Description - 6TPE330MIL

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4600 LINER-LTM4600 Datasheet
356Kb / 24P
   10A High Effi ciency DC/DC 關Module
LTM4600HV LINER-LTM4600HV Datasheet
374Kb / 24P
   10A, 28VIN High Effi ciency DC/DC 關Module
LTM4602 LINER-LTM4602 Datasheet
327Kb / 24P
   6A High Effi ciency DC/DC 關Module
LTM4605 LINER-LTM4605 Datasheet
281Kb / 24P
   High Effi ciency Buck-Boost DC/DC 關Module
LTM4602HV LINER-LTM4602HV Datasheet
329Kb / 24P
   6A, 28VIN High Effi ciency DC/DC 關Module
LTM4609 LINER-LTM4609 Datasheet
299Kb / 24P
   36VIN, 34VOUT High Effi ciency Buck-Boost DC/DC 關Module
LTM4607 LINER-LTM4607 Datasheet
317Kb / 24P
   36VIN, 24VOUT High Effi ciency Buck-Boost DC/DC 關Module
LTC3555 LINER-LTC3555 Datasheet
295Kb / 32P
   High Effi ciency USB Power Manager Triple Step-Down DC/DC
LTM4649 LINER-LTM4649 Datasheet
1Mb / 30P
   10A Step-Down DC/DC 關Module Regulator
logo
MicroPower Direct, LLC
MSR7805WUP MPD-MSR7805WUP Datasheet
1Mb / 4P
   Effi ciency to 95%
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com