Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC876696A Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LC876696A
Description  8-Bit Single Chip Microcontroller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC876696A Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LC876696A Datasheet HTML 3Page - Sanyo Semicon Device LC876696A Datasheet HTML 4Page - Sanyo Semicon Device LC876696A Datasheet HTML 5Page - Sanyo Semicon Device LC876696A Datasheet HTML 6Page - Sanyo Semicon Device LC876696A Datasheet HTML 7Page - Sanyo Semicon Device LC876696A Datasheet HTML 8Page - Sanyo Semicon Device LC876696A Datasheet HTML 9Page - Sanyo Semicon Device LC876696A Datasheet HTML 10Page - Sanyo Semicon Device LC876696A Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
LC8766C8A/B2A/96A
No.6718-7/23
Pin Assignment
Pin name
I/O
Function
Option
VSS1
VSS2
-
• Power supply (-)
No
VDD1
VDD2
VDD3
VDD4
-
• Power supply (+)
No
VP
-
• Power supply (-)
No
PORT0
P00 to P07
I/O
• 8bit input/output port
• data direction programmable in nibble units
• Use of pull-up resistor can be specified in nibble units
• Input for HOLD release
• Input for port 0 interrupt
• 15V withstand at N-channel open drain output
Yes
PORT1
P10 to P17
I/O
• 8bit input/output port
• data direction programmable for each bit
• Use of pull-up resistor can be specified for each bit
• Other pin functions
P10 SIO0 data output
P11 SIO0 data input/bus input/output
P12 SIO0 clock input/output
P13 SIO1 data output
P14 SIO1 data input/bus input/output
P15 SIO1 clock input/output
P16: Timer 1 PWML output
P17: Timer 1 PWMH output/Buzzer output
Yes
PORT3
P30 to P33
I/O
• 8bit Input/output port
• Data direction can be specified for each bit
• Use of pull-up resistor can be specified for each bit
• 15V withstand at N-channel open drain output
Yes
• 4bit Input/output port
• Data direction can be specified for each bit
• Use of pull-up resistor can be specified for each bit
• Other functions
P70: INT0 input/HOLD release input/Timer0L capture Input/output for watchdog timer
P71: INT1 input/HOLD release input/Timer0H capture input
P72: INT2 input/HOLD release input/timer 0 event input/Timer0L capture input/High
speed clock counter input
P73: INT3 input(noise rejection filter attached input)/timer 0 event input/Timer 0H
capture input
AD input port: AN8(P70), AN9(P71)
The following types of interrupt detection are possible:
Rising
Falling
Rising/
falling
H level
L level
INT0
INT1
INT2
INT3
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
No
No
Yes
Yes
Yes
Yes
No
No
Yes
Yes
No
No
PORT7
P70 to P73
I/O
No


Similar Part No. - LC876696A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC876694B SANYO-LC876694B Datasheet
655Kb / 23P
   8-Bit Single-Chip Microcontroller
More results

Similar Description - LC876696A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com