Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZL9101M Datasheet(PDF) 17 Page - Intersil Corporation

Part No. ZL9101M
Description  Digital DC/DC PMBus 12A Module
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

ZL9101M Datasheet(HTML) 17 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
STENCIL PATTERN WITH SQUARE PADS-2
TYPICAL RECOMMENDED LAND PATTERN
STENCIL PATTERN WITH SQUARE PADS-1
located within the zone indicated. The pin #1 indentifier may be
Unless otherwise specified, tolerance : Decimal ± 0.2;
The configuration of the pin #1 identifier is optional, but must be
3.
either a mold or mark feature.
2.
Dimensions are in millimeters.
1.
NOTES:
Body Tolerance ±0.2mm
3.8
5.8
4.4
1.2
1.8
0.0
2
1 21
1.7
3.0
5.6
6.0
4.8
0.4
1.7
2.2
0.9
0.4
0.0
0.9
4.3
3.0
2.2
3.5
5.6
4.8
6.0
4.2
5.6
8.3
4.1
4.9
0.3
0.0
1.1
2
21
1
5.6
5.0
6.9
8.3
2.2
5.1
6.4
3.8
1.4
0.05
1.6
0.0
0.8
3.9
6.4
5.3
1.6
2.9
5.5
6.1
4.9
0.3
1.6
2.3
1.0
0.3
0.0
1.0
4.2
2.9
2.3
3.6
5.5
4.9
6.1
1
2
21
2.3
3.6
8.2
5.1
6.8
5.5
4.0
0.3
2.3
2.9
1.0
1.6
0.1
0.0
1.2
1.6
5.1
3.6
2.9
4.0
8.2
6.8
5.5


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn