Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZL9101M Datasheet(PDF) 16 Page - Intersil Corporation

Part No. ZL9101M
Description  Digital DC/DC PMBus 12A Module
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

ZL9101M Datasheet(HTML) 16 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Package Outline Drawing
L21.15x15
21 LEAD QUAD FLAT NO-LEAD PLASTIC PACKAGE (PUNCH QFN)
Rev 0, 10/10
BOTTOM VIEW
SIDE VIEW
TOP VIEW
S 0.2
5° ALL ARO
UND
S
S 0.05
3.5±0.2
0.50
13
15.0±0.2
15.8±0.2
101112
14 15
INDEX AREA
PIN 1
18
9
8
6
7
4
5
2
3
1 21
19
20
16
17
5.65
4.65
8x 1.8±0.05
13
12
10
11
0.05
33x 0.5
17x 0.80
15
16
14
1.3
4.2
0.8
17
6.3
7.25
18
19
21
20
A
B
9
8
6
7
4
5
17x 0.75
9x 1.9±0.05
2
3
1
X4
B:2.6 ±0.1
A:1.3 ±0.1
C:1.13 ±0.1
13
15
B
A
A
A
14
16
9
C
C
B
12 11 10
6
8
7
4
5
2
3
B
18
AA
A
17
A
A
A
B
19 20
1
21
A
S AB
0.2 S AB


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn