Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZL9101M Datasheet(PDF) 8 Page - Intersil Corporation

Part No. ZL9101M
Description  Digital DC/DC PMBus 12A Module
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

ZL9101M Datasheet(HTML) 8 Page - Intersil Corporation

Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
ZL9101M
8
FN7669.1
January 26, 2011
FIGURE 6. DYNAMIC RESPONSE, LOADING
FIGURE 7. SOFT-START RAMP-UP
FIGURE 8. RAMP-DOWN
Typical Performance Curves (Continued)
-30
-25
-20
-15
-10
-5
0
5
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
VIN = 12V
VOUT = 1.2V
IOUT STEP = 6A to 12A
SLEW 2.5A/µs
-0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0123456789
10
TIME (ms)
VOUT = 1.2V
tRISE = 5ms
VIN = 12V
-0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0123456789
10
TIME (ms)
VOUT = 1.2V
tFALL = 5ms
VIN = 12V
Derating Curves
FIGURE 9A. DERATING CURVE, 5VIN
FIGURE 9B. DERATING CURVE, 12VIN
0
2
4
6
8
10
12
14
16
50
60
70
80
90
100
110
120
130
AMBIENT TEMPERATURE (°C)
1.0VOUT
3.3VOUT
AMBIENT TEMPERATURE (°C)
3.3VOUT
1.8VOUT
1.0VOUT
0
2
4
6
8
10
12
14
16
50
60
70
80
90
100
110
120
130
2.5VOUT


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn