Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC8766B2A Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LC8766B2A
Description  8-Bit Single Chip Microcontroller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC8766B2A Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LC8766B2A Datasheet HTML 1Page - Sanyo Semicon Device LC8766B2A Datasheet HTML 2Page - Sanyo Semicon Device LC8766B2A Datasheet HTML 3Page - Sanyo Semicon Device LC8766B2A Datasheet HTML 4Page - Sanyo Semicon Device LC8766B2A Datasheet HTML 5Page - Sanyo Semicon Device LC8766B2A Datasheet HTML 6Page - Sanyo Semicon Device LC8766B2A Datasheet HTML 7Page - Sanyo Semicon Device LC8766B2A Datasheet HTML 8Page - Sanyo Semicon Device LC8766B2A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
LC8766C8A/B2A/96A
No.6718-3/23
- Base Timer
1) The clock signal can be selected from any of the following :
Sub-clock (32.768kHz crystal oscillator), system clock, and prescaler output from timer 0
2) Interrupts can be selected to occur at one of five different times.
(9) High speed clock counter
1) Capable of counting maximum: 20MHz clock (Using main clock 10MHz)
2) Real time output
(10) Serial-interface
- SIO 0: 8 bit synchronous serial Interface
1) LSB first / MSB first function available
2) Internal 8 bit baud-rate generator (maximum transmit clock period 4 / 3 Tcyc)
3) Continuous automatic data communication (1-256 bits)
- SIO 1: 8 bit asynchronous / synchronous serial interface
Mode 0: Synchronous 8 bit serial IO (2-wire or 3-wire, transmit clock 2–512 Tcyc)
Mode 1: Asynchronous serial IO (half duplex, 8 data bits, 1 stop bit, baud rate 8–2048Tcyc)
Mode 2: Bus mode 1 (start bit, 8 data bits, transmit clock 2–512 Tcyc)
Mode 3: Bus mode 2 (start detection, 8 data bits, stop detection)
(11) AD converter
-8 bits
× 12 channels
(12) Remote control receiver circuit (connected to P73 / INT3 / T0IN terminal)
-Noise rejection function (noise rejection filter time constant can selected from 1 / 32 / 128 Tcyc)
(13) Watchdog timer
- The watching timer period is set using an external RC.
- Watchdog timer can produce interrupt, system reset
(14) Interrupts: 15-source, 10-vectored interrupts
1) Three priority (low, high and highest) multiple interrupts are supported.
During interrupt handling, an equal or
lower priority interrupt request is refused.
2) If interrupt requests to two or more vector addresses occur at once, the higher priority interrupt takes precedence.
In the case of equal priority levels, the vector with the lowest address takes precedence.
(15) Subroutine stack levels: 2048 levels max.
Stack is located in RAM.
(16) Multiplication and division
- 16 bit
× 8 bit (executed in 5 cycles)
- 24 bit
× 16 bit (12 cycles)
- 16 bit ÷ 8 bit (8 cycles)
- 24 bit ÷ 16 bit (12 cycles)
(17) Oscillation circuits
- On-chip RC oscillation circuit for system clock use.
- On-chip CF oscillation circuit for system clock use. (Rf built in)
- On-chip Crystal oscillation circuit low speed system clock use. (Rd, Rf external)
(18) System clock divider function
- Able to reduce current consumption
Available minimum instruction cycle time: 300ns, 600ns, 1.2
µs, 4.8µs, 9.6µs, 19.2µs, 38.4µs, 76.8µs.
(Using 10MHz main clock)


Similar Part No. - LC8766B2A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC876662B SANYO-LC876662B Datasheet
655Kb / 23P
   8-Bit Single-Chip Microcontroller
LC876678B SANYO-LC876678B Datasheet
655Kb / 23P
   8-Bit Single-Chip Microcontroller
LC876694B SANYO-LC876694B Datasheet
655Kb / 23P
   8-Bit Single-Chip Microcontroller
More results

Similar Description - LC8766B2A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com