Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC866416 Datasheet(PDF) 15 Page - Sanyo Semicon Device

Part # LC866416
Description  8-Bit Single Chip Microcontroller with One-Time Programmable PROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC866416 Datasheet(HTML) 15 Page - Sanyo Semicon Device

Back Button LC866416 Datasheet HTML 11Page - Sanyo Semicon Device LC866416 Datasheet HTML 12Page - Sanyo Semicon Device LC866416 Datasheet HTML 13Page - Sanyo Semicon Device LC866416 Datasheet HTML 14Page - Sanyo Semicon Device LC866416 Datasheet HTML 15Page - Sanyo Semicon Device LC866416 Datasheet HTML 16Page - Sanyo Semicon Device LC866416 Datasheet HTML 17Page - Sanyo Semicon Device LC866416 Datasheet HTML 18Page - Sanyo Semicon Device LC866416 Datasheet HTML 19Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
LC86P6449
No.6689-15/22
5. Pulse Input Conditions at Ta=-30
°C to +70°C, VSS1=VSS2=0V
Ratings
Parameter
Symbol
Pins
Conditions
VDD[V]
min.
typ.
max.
unit
tPIH(1)
tPIL(1)
•INT0, INT1
•INT2/T0IN
•Interrupt acceptable
•Timer0-countable
4.5 to 6.0
1
tPIH(2)
tPIL(2)
INT3/T0IN
(The noise rejection clock
selected to 1/1.)
•Interrupt acceptable
•Timer0-countable
4.5 to 6.0
2
tPIH(3)
tPIL(3)
INT3/T0IN
(The noise rejection clock
selected to 1/16.)
•Interrupt acceptable
•Timer0-countable
4.5 to 6.0
32
tPIH(4)
tPIL(4)
INT3/T0IN
(The noise rejection clock
selected to 1/64.)
•Interrupt acceptable
•Timer0-countable
4.5 to 6.0
128
tCYC
High/low level
pulse width
tPIL(5)
RES
Reset acceptable
4.5 to 6.0
200
µs
6. AD Converter Characteristics at Ta=-30
°C to + 70°C, VSS1=VSS2=0V
Ratings
Parameter
Symbol
Pins
Conditions
VDD[V]
min.
typ.
max.
unit
Resolution
N
4.5 to 6.0
8
bit
Absolute precision
(Note 2)
ET
4.5 to 6.0
±1.5
LSB
AD conversion time =
16
× tCYC
(ADCR2=0)
(Note 3)
15.
68
(tCYC=
0.98
µs)
65.28
(tCYC=
4.08
µs)
Conversion time
tCAD
AD conversion time =
32
× tCYC
(ADCR2=1)
(Note 3)
4.5 to 6.0
31.36
(tCYC=
0.98
µs)
130.56
(tCYC=
4.08
µs)
µs
Analog input
voltage range
VAIN
4.5 to 6.0
VSS
VDD
V
IAINH
VAIN=VDD
4.5 to 6.0
1
Analog port
input current
IAINL
AN0 to AN7
VAIN=VSS
4.5 to 6.0
-1
µA
(Note 2) Absolute precision excepts the quantizing error (±1/2 LSB).
(Note 3) The conversion time means the time from executing the AD conversion instruction to setting the complete digital
conversion value to the register.


Similar Part No. - LC866416

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC866416 SANYO-LC866416 Datasheet
634Kb / 22P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC866416A SANYO-LC866416A Datasheet
2Mb / 22P
   8-Bit Single Chip Microcontroller???
LC866416A SANYO-LC866416A Datasheet
84Kb / 2P
   CMOS 8-Bit Single-Chip Microcomputers
LC866416B SANYO-LC866416B Datasheet
660Kb / 21P
   8-Bit Single Chip Microcontroller
More results

Similar Description - LC866416

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC86P6560 SANYO-LC86P6560 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P7148 SANYO-LC86P7148 Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5632 SANYO-LC86P5632 Datasheet
702Kb / 23P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6548 SANYO-LC86P6548 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5420 SANYO-LC86P5420 Datasheet
83Kb / 22P
   8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
LC86P6032 SANYO-LC86P6032 Datasheet
684Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time PROM
LC86P7248 SANYO-LC86P7248 Datasheet
651Kb / 20P
   8-Bit Single-Chip Microcontroller with the One-Time Programmable PROM Built in
LC86P4564 SANYO-LC86P4564 Datasheet
356Kb / 20P
   One-time PROM built-in 8-Bit Single Chip Microcontroller?????????
LC86P4332 SANYO-LC86P4332 Datasheet
353Kb / 19P
   One-time PROM built-in 8-Bit Single Chip Microcontroller???????
LC86E5632 SANYO-LC86E5632 Datasheet
670Kb / 21P
   8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com