Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC875148A Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LC875148A
Description  8-Bit Single Chip Microcontroller with 64/48/32K-Byte ROM and 1024-Byte RAM On Chip
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC875148A Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LC875148A Datasheet HTML 5Page - Sanyo Semicon Device LC875148A Datasheet HTML 6Page - Sanyo Semicon Device LC875148A Datasheet HTML 7Page - Sanyo Semicon Device LC875148A Datasheet HTML 8Page - Sanyo Semicon Device LC875148A Datasheet HTML 9Page - Sanyo Semicon Device LC875148A Datasheet HTML 10Page - Sanyo Semicon Device LC875148A Datasheet HTML 11Page - Sanyo Semicon Device LC875148A Datasheet HTML 12Page - Sanyo Semicon Device LC875148A Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
LC875164A/48A/32A
No.6715-9/25
Pin Assignment
Pin Name
I/O
Pin Function
Option
VSS1
VSS2
VSS3
-
Negative power supply
No
VDD1
VDD2
VDD3
-
Positive power supply
No
Port 0
P00 - P07
I/O
•8-bit Input/output port
•Data direction can be specified in nibble units
•Use of pull-up resistor can be specified in nibble units
•HOLD-release input
•Input for port 0 interrupt
Yes
Port 1
P10 - P17
I/O
•8-bit Input/output port
•Data direction can be specified for each bit
•Use of pull-up resistor can be specified for each bit
•Other functions
P10: SIO0 data output
P11: SIO0 data input/bus input/output
P12: SIO0 clock input/output
P13: SIO1 data output
P14: SIO1 data input/bus input/output
P15: SIO1 clock input/output
P16: Timer 1 PWML output
P17: Timer 1 PWMH output/Buzzer output
Yes
Port 2
•8-bit Input/output port
•Data direction can be specified for each bit
•Use of pull-up resistor can be specified for each bit
•Other functions
P20-P23: INT4 input/HOLD release input/timer 1 event input
/Timer 0L capture input/Timer 0H capture input
P24-P27: INT5 input/HOLD release input/timer 1 event input
/Timer 0L capture input /Timer 0H capture input
Interrupt receiver format
Rising
Falling
Rising/
falling
H level
L level
INT4
INT5
Yes
Yes
Yes
Yes
Yes
Yes
No
No
No
No
P20 - P27
I/O
Yes
Port 3
P30 - P34
I/O
•5-bit Input/output port
•Data direction can be specified for each bit
•Use of pull-up resistor can be specified for each bit
Yes
Port 7
•4-bit Input/output port
•Data direction can be specified for each bit
•Use of pull-up resistor can be specified for each bit
•Other functions
P70: INT0 input/HOLD release input/Timer0L capture input
/Output for watchdog timer
P71: INT1 input/HOLD release input/Timer0H capture input
P72: INT2 input/HOLD release input/timer 0 event input
/Timer0L capture input
P73: INT3 input(noise rejection filter attached input)
/timer 0 event input/Timer0H capture input
Interrupt receiver format
Rising
Falling
Rising/
falling
H level
L level
INT0
INT1
INT2
INT3
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
No
No
Yes
Yes
Yes
Yes
No
No
Yes
Yes
No
No
P70 - P73
I/O
No
(Continued)


Similar Part No. - LC875148A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC875016A SANYO-LC875016A Datasheet
778Kb / 25P
   8-Bit Single Chip Microcontroller with 32/24/16K-Byte EPROM and 640-Byte RAM On Chip
LC875024A SANYO-LC875024A Datasheet
778Kb / 25P
   8-Bit Single Chip Microcontroller with 32/24/16K-Byte EPROM and 640-Byte RAM On Chip
LC875032A SANYO-LC875032A Datasheet
778Kb / 25P
   8-Bit Single Chip Microcontroller with 32/24/16K-Byte EPROM and 640-Byte RAM On Chip
LC875048B SANYO-LC875048B Datasheet
763Kb / 26P
   8-Bit Single Chip Microcontroller with 64/56/48K-Byte EPROM and 2048-Byte RAM On Chip
LC875056B SANYO-LC875056B Datasheet
763Kb / 26P
   8-Bit Single Chip Microcontroller with 64/56/48K-Byte EPROM and 2048-Byte RAM On Chip
More results

Similar Description - LC875148A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F7J32A SANYO-LC87F7J32A Datasheet
209Kb / 29P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F2832A SANYO-LC87F2832A_09 Datasheet
165Kb / 27P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F5G32A SANYO-LC87F5G32A Datasheet
153Kb / 23P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC875G32A SANYO-LC875G32A Datasheet
149Kb / 23P
   ROM 32K/24K/16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC876D16A SANYO-LC876D16A Datasheet
141Kb / 19P
   ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC877264A SANYO-LC877264A Datasheet
707Kb / 24P
   8-Bit Single Chip Microcontroller with 64/56/48 KB ROM and 2048-Byte RAM On Chip
LC87F5932A SANYO-LC87F5932A_08 Datasheet
199Kb / 27P
   Internal 32K-byte FROM and 1024-byte RAM 8-bit 1-chip Microcontroller
LC868364A SANYO-LC868364A Datasheet
741Kb / 29P
   8-Bit Single Chip Microcontroller with 64K-Byte ROM and 512-Byte RAM On Chip
LC87F2832A SANYO-LC87F2832A Datasheet
180Kb / 27P
   CMOS IC FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F7032A SANYO-LC87F7032A Datasheet
136Kb / 21P
   CMOS IC FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com