Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS21956 Datasheet(PDF) 1 Page - International Rectifier

Part # IRS21956
Description  Floating Input, High and Low(Dual mode) Side Driver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS21956 Datasheet(HTML) 1 Page - International Rectifier

  IRS21956 Datasheet HTML 1Page - International Rectifier IRS21956 Datasheet HTML 2Page - International Rectifier IRS21956 Datasheet HTML 3Page - International Rectifier IRS21956 Datasheet HTML 4Page - International Rectifier IRS21956 Datasheet HTML 5Page - International Rectifier IRS21956 Datasheet HTML 6Page - International Rectifier IRS21956 Datasheet HTML 7Page - International Rectifier IRS21956 Datasheet HTML 8Page - International Rectifier IRS21956 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
www.irf.com
© 2008 International Rectifier
1
January 16, 2009
Datasheet No. - PD97375
IRS21956S
Floating Input, High and Low(Dual mode) Side Driver
Features
Low side programmable ramp gate drive
Low side generic gate drive integrated using the
same low side output pin
High side generic gate driver
Under voltage lockout for VDD, VCC & VBS
Floating 5V input logic compatible
Tolerant to negative transient voltage on Vs
Shoot through prevention
RoHS compliant
Product Summary
Topology
PDP
VOFFSET
≤ 600 V
LO SR+
4.5V/us
Io+ & I o- (typical)
0.5A & 0.5A
tON & tOFF (typical)
300ns & 280ns
Package Options
20-Lead SOIC


Similar Part No. - IRS21956

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS21956SPBF IRF-IRS21956SPBF Datasheet
356Kb / 22P
   Floating Input, High and Low(Dual mode) Side Driver
IRS21956SPBF IRF-IRS21956SPBF_15 Datasheet
356Kb / 22P
   Floating Input, High and Low(Dual mode) Side Driver
More results

Similar Description - IRS21956

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS21956SPBF IRF-IRS21956SPBF_15 Datasheet
356Kb / 22P
   Floating Input, High and Low(Dual mode) Side Driver
IRS21856SPBF IRF-IRS21856SPBF_15 Datasheet
297Kb / 21P
   High(Dual Mode) and Low Side Driver
IRS21856SPBF IRF-IRS21856SPBF Datasheet
297Kb / 21P
   High(Dual Mode) and Low Side Driver
IRS21962S IRF-IRS21962S Datasheet
246Kb / 14P
   Dual channel high-side drivers with floating input
IRS21962SPBF IRF-IRS21962SPBF_15 Datasheet
246Kb / 14P
   Dual channel high-side drivers with floating input
logo
Tripath Technology Inc.
TP2150B TRIPATH-TP2150B Datasheet
377Kb / 18P
   DUAL HIGH SIDE AND LOW SIDE MOSFET DRIVER
logo
International Rectifier
IRS21858SPBF IRF-IRS21858SPBF Datasheet
238Kb / 19P
   High(Dual Mode) Side Driver
IRS21858SPBF IRF-IRS21858SPBF_15 Datasheet
238Kb / 19P
   High(Dual Mode) Side Driver
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
   High Side and Low Side Driver
logo
International Rectifier
IR2102 IRF-IR2102 Datasheet
209Kb / 15P
   HIGH AND LOW SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com