Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC875164A Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LC875164A
Description  8-Bit Single Chip Microcontroller with 64/48/32K-Byte ROM and 1024-Byte RAM On Chip
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC875164A Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LC875164A Datasheet HTML 6Page - Sanyo Semicon Device LC875164A Datasheet HTML 7Page - Sanyo Semicon Device LC875164A Datasheet HTML 8Page - Sanyo Semicon Device LC875164A Datasheet HTML 9Page - Sanyo Semicon Device LC875164A Datasheet HTML 10Page - Sanyo Semicon Device LC875164A Datasheet HTML 11Page - Sanyo Semicon Device LC875164A Datasheet HTML 12Page - Sanyo Semicon Device LC875164A Datasheet HTML 13Page - Sanyo Semicon Device LC875164A Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
LC875164A/48A/32A
No.6715-10/25
Name
I/O
Function description
Option
Port 8
P80 - P87
I/O
•8-bit Input/output port
•Data direction can be specified for each bit
•Other functions
P80-P87: AD input port
No
Port A
PA0 - PA5
I/O
•6-bit Input/output port
•Data direction can be specified for each bit
•Use of pull-up resistor can be specified for each bit
•Other functions
PA0: Parallel interface output CS2
PA1: Parallel interface output CS1
PA2: Parallel interface output CS0
PA3: Parallel interface output WR
PA4: Parallel interface output RD
PA5: Parallel interface output RS
Yes
Port B
PB0 - PB7
I/O
•8-bit Input/output port
•Data direction can be specified for each bit
•Use of pull-up resistor can be specified for each bit
•Other functions
PB0-PB7: Parallel interface data input/output; address output
Yes
Port C
PC0 - PC7
I/O
•8-bit Input/output port
•Data direction can be specified for each bit
•Use of pull-up resistor can be specified for each bit
•Other functions
PC0-PC7: Parallel interface address output
Yes
SIO2 Port
SI2P0
- SI2P3
I/O
•4-bit Input/output port
•Data direction can be specified for each bit
•Other functions
SI2P0: SIO2 data output
SI2P1: SIO2 data output/bus input/output
SI2P2: SIO2 clock input/output
SI2P3: SIO2 clock output
No
PWM0
O
PWM0 output port
No
PWM1
O
PWM1 output port
No
RES
I
Reset terminal
No
XT1
I
•Input for 32.768kHz crystal oscillation
•Other function
Input port
When not in use, connect to VDD1.
No
XT2
I/O
•Output for 32.768kHz crystal oscillation
•Other function
General purpose input port
When not in use, set to oscillation mode and leave open circuit
No
CF1
I
Input terminal for ceramic oscillator
No
CF2
O
Output terminal for ceramic oscillator
No


Similar Part No. - LC875164A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC875016A SANYO-LC875016A Datasheet
778Kb / 25P
   8-Bit Single Chip Microcontroller with 32/24/16K-Byte EPROM and 640-Byte RAM On Chip
LC875024A SANYO-LC875024A Datasheet
778Kb / 25P
   8-Bit Single Chip Microcontroller with 32/24/16K-Byte EPROM and 640-Byte RAM On Chip
LC875032A SANYO-LC875032A Datasheet
778Kb / 25P
   8-Bit Single Chip Microcontroller with 32/24/16K-Byte EPROM and 640-Byte RAM On Chip
LC875048B SANYO-LC875048B Datasheet
763Kb / 26P
   8-Bit Single Chip Microcontroller with 64/56/48K-Byte EPROM and 2048-Byte RAM On Chip
LC875056B SANYO-LC875056B Datasheet
763Kb / 26P
   8-Bit Single Chip Microcontroller with 64/56/48K-Byte EPROM and 2048-Byte RAM On Chip
More results

Similar Description - LC875164A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F7J32A SANYO-LC87F7J32A Datasheet
209Kb / 29P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F2832A SANYO-LC87F2832A_09 Datasheet
165Kb / 27P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F5G32A SANYO-LC87F5G32A Datasheet
153Kb / 23P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC875G32A SANYO-LC875G32A Datasheet
149Kb / 23P
   ROM 32K/24K/16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC876D16A SANYO-LC876D16A Datasheet
141Kb / 19P
   ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC877264A SANYO-LC877264A Datasheet
707Kb / 24P
   8-Bit Single Chip Microcontroller with 64/56/48 KB ROM and 2048-Byte RAM On Chip
LC87F5932A SANYO-LC87F5932A_08 Datasheet
199Kb / 27P
   Internal 32K-byte FROM and 1024-byte RAM 8-bit 1-chip Microcontroller
LC868364A SANYO-LC868364A Datasheet
741Kb / 29P
   8-Bit Single Chip Microcontroller with 64K-Byte ROM and 512-Byte RAM On Chip
LC87F2832A SANYO-LC87F2832A Datasheet
180Kb / 27P
   CMOS IC FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F7032A SANYO-LC87F7032A Datasheet
136Kb / 21P
   CMOS IC FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com