Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC866432 Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LC866432
Description  8-Bit Single Chip Microcontroller with One-Time Programmable PROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC866432 Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LC866432 Datasheet HTML 3Page - Sanyo Semicon Device LC866432 Datasheet HTML 4Page - Sanyo Semicon Device LC866432 Datasheet HTML 5Page - Sanyo Semicon Device LC866432 Datasheet HTML 6Page - Sanyo Semicon Device LC866432 Datasheet HTML 7Page - Sanyo Semicon Device LC866432 Datasheet HTML 8Page - Sanyo Semicon Device LC866432 Datasheet HTML 9Page - Sanyo Semicon Device LC866432 Datasheet HTML 10Page - Sanyo Semicon Device LC866432 Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LC86P6449
No.6689-7/22
LC86P6449 Pin description
Pin name
I/O
Function description
Option
PROM mode
VSS1,2
-
Power pin (-)
-
-
VDD1,2
-
Power pin (+)
*4
Refer to Notes
-
-
VP
-
Power pin (-) for the VFD output pull-down
resist
-
-
PORT0
P00 to P07
I/O
•8-bit input/output port
•Input for port 0 interrupt
•Input/output in nibble units
•Input for HOLD release
•15V withstand at N-channel open drain
output
•Pull-up resistor :
Provided/Not provided
•Output form :
CMOS/N-channel
open
drain
-
PORT1
P10 to P17
I/O
•8-bit input/output port
•Input/output can be specified in a bit unit
•Other pin functions
P10 SIO0 data output
P11 SIO0 data input/bus input/output
P12 SIO0 clock input/output
P13 SIO1 data output
P14 SIO1 data input/bus input/output
P15 SIO1 clock input/output
P16 Buzzer output
P17 Timer 1 output (PWM0 output)
•Output form :
CMOS/N-channel
open
drain
Data line
D0 to D7
PORT3
P30 to P33
I/O
•4-bit input/output port
•Input/output can be specified
•15V withstand at N-channel open drain
output
•Output form :
CMOS/N-channel
open
drain
-
•6-bit input port
•Other functions
P70 : INT0 input/HOLD release input/
N-ch Tr. output for watchdog timer
P71 : INT1 input/HOLD release input
P72 : INT2 input/timer 0 event input
P73 : INT3 input with noise rejection
filter/timer 0 event input
P74
: XT1 terminal for 32.768kHz crystal
oscillation
P75 : XT2 terminal for 32.768kHz crystal
oscillation
•Interrupt received forms, the vector addresses
Pull-up resistor :
Provided/Not provided
(P70,71,72,73)
* P74 ,P75 don’t have
pull-up
resistor option.
rising falling rising
&
falling
high
level
low
level
vector
INT0 enable enable disable enable enable 03H
INT1 enable enable disable enable enable 0BH
INT2 enable enable enable disabledisable 13H
PORT7
P70
P71 to P75
I/O
I
INT3 enable enable enable disabledisable 1BH
PROM control
signals
DASEC (*1)
OE
(*2)
‚bE
(*3)
Continue.
CE


Similar Part No. - LC866432

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC866432 SANYO-LC866432 Datasheet
634Kb / 22P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC866432A SANYO-LC866432A Datasheet
2Mb / 22P
   8-Bit Single Chip Microcontroller???
LC866432A SANYO-LC866432A Datasheet
84Kb / 2P
   CMOS 8-Bit Single-Chip Microcomputers
LC866432B SANYO-LC866432B Datasheet
660Kb / 21P
   8-Bit Single Chip Microcontroller
More results

Similar Description - LC866432

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC86P6560 SANYO-LC86P6560 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P7148 SANYO-LC86P7148 Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5632 SANYO-LC86P5632 Datasheet
702Kb / 23P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6548 SANYO-LC86P6548 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5420 SANYO-LC86P5420 Datasheet
83Kb / 22P
   8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
LC86P6032 SANYO-LC86P6032 Datasheet
684Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time PROM
LC86P7248 SANYO-LC86P7248 Datasheet
651Kb / 20P
   8-Bit Single-Chip Microcontroller with the One-Time Programmable PROM Built in
LC86P4564 SANYO-LC86P4564 Datasheet
356Kb / 20P
   One-time PROM built-in 8-Bit Single Chip Microcontroller?????????
LC86P4332 SANYO-LC86P4332 Datasheet
353Kb / 19P
   One-time PROM built-in 8-Bit Single Chip Microcontroller???????
LC86E5632 SANYO-LC86E5632 Datasheet
670Kb / 21P
   8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com