Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC86P7148 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC86P7148
Description  8-Bit Single Chip Microcontroller with One-Time Programmable PROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC86P7148 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC86P7148 Datasheet HTML 1Page - Sanyo Semicon Device LC86P7148 Datasheet HTML 2Page - Sanyo Semicon Device LC86P7148 Datasheet HTML 3Page - Sanyo Semicon Device LC86P7148 Datasheet HTML 4Page - Sanyo Semicon Device LC86P7148 Datasheet HTML 5Page - Sanyo Semicon Device LC86P7148 Datasheet HTML 6Page - Sanyo Semicon Device LC86P7148 Datasheet HTML 7Page - Sanyo Semicon Device LC86P7148 Datasheet HTML 8Page - Sanyo Semicon Device LC86P7148 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
LC86P7148
No.6692-2/21
(4) Operating supply voltage
:
4.5V to 6.0V
(5) Instruction cycle time
:
1
µs to 366µs
(6) Operating temperature
:
-30
°C to +70°C
(7) The pin compatible with the LC867100 series mask ROM devices
(8) Applicable mask ROM version
:
LC867148/LC867140/LC867132/LC867128/LC867124/LC867120
/LC867116/LC867112/LC867108
(9) Factory shipment
:
QFP80E
Notice for use
LC86P7148 is provided for the first release and small shipping of the LC867100 series.
At using, take notice of the followings.
(1) A point of difference LC86P7148 and LC867100 series
Item
LC86P7148
LC867148/40/32/28/24/20/16/12/08
Operation after reset
releasing
The option is specified until 3ms after going
to a ‘H’ level to the reset terminal by
degrees. The program is executed from 00H
of the program counter.
The program is executed from 00H of the
program counter immediately after going to
a ‘H’ level to the reset terminal.
Operating supply
voltage range (VDD)
4.5V to 6.0V
2.5V to 6.0V
Total output current
[
∑IOAL(2)]
[
∑IOAL(3)]
Power dessipation
Refer to ‘electrical characteristics’ on the semiconductor news.
LC86P7148 uses 256 bytes that is addressed on 0FF00H to FFFFH in the program memory as the option configuration data
area.
This option configuration can execute all options which LC867100 series have.
Next tables show the options that
correspond and not correspond to LC86P7148.
• A kind of the option corresponding of the LC86P7148
A kind of option
Pins, Circuits
Contents of the option
1. Input : No Pull-up MOS Tr.
Output: N-channel open drain
*1
Port 0
(specified in a bit)
2. Input : Pull-up MOS Tr.
Output: CMOS
*2
Input/output form of
input/output ports
Port 1
(specified in a bit)
*1
1. Input : Programmable pull-up MOS Tr.
Output: N-channel open drain
2. Input : Programmable pull-up MOS Tr.
Output
: CMOS
Pull-up MOS Tr. of
input port
Port 7
(specified in a bit)
*1
Each of P74 and P75 has no
option
1. No Pull-up MOS Tr.
2. Pull-up MOS Tr.
*1) Specified in a bit.
*2) Specified in nibble unit.
Pull-up MOS Tr. is not provided in N-channel open drain output port.


Similar Part No. - LC86P7148

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC86P7248 SANYO-LC86P7248 Datasheet
651Kb / 20P
   8-Bit Single-Chip Microcontroller with the One-Time Programmable PROM Built in
More results

Similar Description - LC86P7148

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC86P6560 SANYO-LC86P6560 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6449 SANYO-LC86P6449 Datasheet
653Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5632 SANYO-LC86P5632 Datasheet
702Kb / 23P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6548 SANYO-LC86P6548 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5420 SANYO-LC86P5420 Datasheet
83Kb / 22P
   8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
LC86P6032 SANYO-LC86P6032 Datasheet
684Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time PROM
LC86P7248 SANYO-LC86P7248 Datasheet
651Kb / 20P
   8-Bit Single-Chip Microcontroller with the One-Time Programmable PROM Built in
LC86P4564 SANYO-LC86P4564 Datasheet
356Kb / 20P
   One-time PROM built-in 8-Bit Single Chip Microcontroller?????????
LC86P4332 SANYO-LC86P4332 Datasheet
353Kb / 19P
   One-time PROM built-in 8-Bit Single Chip Microcontroller???????
LC86E5632 SANYO-LC86E5632 Datasheet
670Kb / 21P
   8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com