Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC86P6560 Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LC86P6560
Description  8-Bit Single Chip Microcontroller with One-Time Programmable PROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC86P6560 Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LC86P6560 Datasheet HTML 3Page - Sanyo Semicon Device LC86P6560 Datasheet HTML 4Page - Sanyo Semicon Device LC86P6560 Datasheet HTML 5Page - Sanyo Semicon Device LC86P6560 Datasheet HTML 6Page - Sanyo Semicon Device LC86P6560 Datasheet HTML 7Page - Sanyo Semicon Device LC86P6560 Datasheet HTML 8Page - Sanyo Semicon Device LC86P6560 Datasheet HTML 9Page - Sanyo Semicon Device LC86P6560 Datasheet HTML 10Page - Sanyo Semicon Device LC86P6560 Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LC86P6560
No.6691-7/22
LC86P6560 Pin description
Pin name
I/O
Function description
Option
PROM mode
VSS1,2
-
Power pin (-)
*4
-
-
VDD1,2,3,4
-
Power pin (+)
*4
-
-
VP
-
Power pin (+) for the VFD output pull-down
resist
-
-
PORT0
P00 – P07
I/O
•8-bit input/output port
Input/output in nibble units
•Input for port 0 interrupt
•Input for HOLD release
•15V withstand at N-channel open drain
output
•Pull-up resistor :
Provided/Not provided
(each nibble)
•Output form :
CMOS/N-channel open drain
(each bit)
-
PORT1
P10 – P17
I/O
•8-bit input/output port
Input/output can be specified in bit unit
•Other pin functions
P10 SIO0 data output
P11 SIO0 data input/bus input/output
P12 SIO0 clock input/output
P13 SIO1 data output
P14 SIO1 data input/bus input/output
P15 SIO1 clock input/output
P16 Buzzer output
P17 Timer 1 output (PWM0 output)
•Output form :
CMOS/N-channel open drain
(each bit)
Data line
D0 to D7
PORT3
P30 – P37
I/O
•8-bit input/output port
Input/output in bit unit
•15V withstand at N-channel open drain
output
•Output form :
CMOS/N-channel open drain
(each bit)
-
•4-bit input/output port
Input/output in bit unit
•2-bit input port
•Other pin functions
P70 : INT0 input/HOLD release/N-channel
Tr. output for watchdog timer
P71 : INT1 input/HOLD release input
P72 : INT2 input/timer 0 event input
P73 : INT3 input with noise filter/timer 0
event input
P74 : 32.768kHz crystal oscillation terminal
XT1
P75 : 32.768kHz crystal oscillation terminal
XT2
•Interrupt received form, vector address
-
rising falling rising
&
falling
high
level
low
level
vector
INT0 enable enable disable enable enable 03H
INT1 enable enable disable enable enable 0BH
INT2 enable enable enable disable disable 13H
PORT7
P70-P73
P74 -P75
I/O
I
INT3 enable enable enable disable disable 1BH
PROM control
signals
DASEC (*1)
OE
(*2)
‚bE
(*3)
CE


Similar Part No. - LC86P6560

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC86P6548 SANYO-LC86P6548 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
More results

Similar Description - LC86P6560

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC86P7148 SANYO-LC86P7148 Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6449 SANYO-LC86P6449 Datasheet
653Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5632 SANYO-LC86P5632 Datasheet
702Kb / 23P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6548 SANYO-LC86P6548 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5420 SANYO-LC86P5420 Datasheet
83Kb / 22P
   8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
LC86P6032 SANYO-LC86P6032 Datasheet
684Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time PROM
LC86P7248 SANYO-LC86P7248 Datasheet
651Kb / 20P
   8-Bit Single-Chip Microcontroller with the One-Time Programmable PROM Built in
LC86P4564 SANYO-LC86P4564 Datasheet
356Kb / 20P
   One-time PROM built-in 8-Bit Single Chip Microcontroller?????????
LC86P4332 SANYO-LC86P4332 Datasheet
353Kb / 19P
   One-time PROM built-in 8-Bit Single Chip Microcontroller???????
LC86E5632 SANYO-LC86E5632 Datasheet
670Kb / 21P
   8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com