Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB11685VH Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LB11685VH
Description  Monolithic Digital IC 3-phase sensor less Motor driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11685VH Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LB11685VH Datasheet HTML 1Page - Sanyo Semicon Device LB11685VH Datasheet HTML 2Page - Sanyo Semicon Device LB11685VH Datasheet HTML 3Page - Sanyo Semicon Device LB11685VH Datasheet HTML 4Page - Sanyo Semicon Device LB11685VH Datasheet HTML 5Page - Sanyo Semicon Device LB11685VH Datasheet HTML 6Page - Sanyo Semicon Device LB11685VH Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LB11685VH
Pin Function
Pin No.
Pin name
Function
Equivalent circuit
16
12
14
UOUT
WOUT
VOUT
Each output pin of three phases.
20
PGND
GND pin in the output part.
This pin is connected to GND. The SGND pin is also
connected to GND
9
RF
Pin to detect output current.
By connecting a resistor between this pin and VCC, the
output current is detected as a voltage.
The current limiter is operated by this voltage.
21
MCOM
Motor coil midpoint input pin.
The coil voltage waveform is detected based on this
voltage.
22
SGND
Ground pin (except the output part)
This pin is connected to GND.
The PGND pin is also connected to GND.
23
FG
FG out made by back EMF pin.
It synchronizes FG out with inverted V-phase.
When don’t use this function, open this pin.
25
RD
Motor lock protection detection output pin.
Output with L during rotation of motor.
Open during lock protection of motor (High-impedance).
When don’t use this function, open this pin.
27
VCO
PLL output pin and VCO input pin.
To stabilize PLL output, connect a capacitor between this
pin and GND.
1
CX
VCO oscillation output pin.
Operation frequency range and minimum frequency are
determined by the capacity of the capacitor connected to
this pin.
Pin No.9
Pin No.20
Pin No.16,14,12
Pin No.21
SGND
SGND SGND
VCC
VCC
SGND
SGND
Pin No.23
No.25
SGND
SGND
Pin No.27
VCC
SGND
SGND
VREG
VREG
VREG
Pin No.1
VCC
SGND
SGND
VREG
Continue to the next page.
No.A1773-5/7


Similar Part No. - LB11685VH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LB11685VH ONSEMI-LB11685VH Datasheet
115Kb / 7P
   3-phase sensor less Motor driver
May, 2013
More results

Similar Description - LB11685VH

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11685AV SANYO-LB11685AV Datasheet
182Kb / 7P
   Monolithic Digital IC 3-phase sensor less Motor driver
logo
ON Semiconductor
LB11685AV ONSEMI-LB11685AV Datasheet
120Kb / 9P
   Monolithic Digital IC 3?릔hase Sensor Less Motor Driver
January, 2018 ??Rev. 1
logo
Sanyo Semicon Device
LV8806GQ SANYO-LV8806GQ Datasheet
242Kb / 6P
   3-phase sensor-less Motor Driver IC
logo
ON Semiconductor
LV8806QA ONSEMI-LV8806QA Datasheet
338Kb / 8P
   3-phase sensor-less Motor Driver IC
April, 2013
LB11685AV-TLM-H ONSEMI-LB11685AV-TLM-H Datasheet
113Kb / 7P
   3-phase sensor less Motor driver
May, 2013
LB11685VH ONSEMI-LB11685VH Datasheet
115Kb / 7P
   3-phase sensor less Motor driver
May, 2013
logo
List of Unclassifed Man...
AM2355N ETC1-AM2355N Datasheet
358Kb / 11P
   3-phase Sensor-less Fan Motor Driver
OCT. 2013 V1.2
logo
AMtek SEMICONDUCTORS CO...
AM8919 AMTEK-AM8919 Datasheet
336Kb / 12P
   3-phase Sensor-less Fan Motor Driver
Jul. 2014 V1.11
AM2355N AMTEK-AM2355N Datasheet
358Kb / 11P
   3-phase Sensor-less Fan Motor Driver
OCT. 2013 V1.2
logo
Princeton Technology Co...
PT2432 PTC-PT2432 Datasheet
539Kb / 6P
   3-Phase Sensor-less BLDC Motor Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com