Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC86P6449 Datasheet(PDF) 12 Page - Sanyo Semicon Device

Part # LC86P6449
Description  8-Bit Single Chip Microcontroller with One-Time Programmable PROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC86P6449 Datasheet(HTML) 12 Page - Sanyo Semicon Device

Back Button LC86P6449 Datasheet HTML 8Page - Sanyo Semicon Device LC86P6449 Datasheet HTML 9Page - Sanyo Semicon Device LC86P6449 Datasheet HTML 10Page - Sanyo Semicon Device LC86P6449 Datasheet HTML 11Page - Sanyo Semicon Device LC86P6449 Datasheet HTML 12Page - Sanyo Semicon Device LC86P6449 Datasheet HTML 13Page - Sanyo Semicon Device LC86P6449 Datasheet HTML 14Page - Sanyo Semicon Device LC86P6449 Datasheet HTML 15Page - Sanyo Semicon Device LC86P6449 Datasheet HTML 16Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
LC86P6449
No.6689-12/22
Ratings
Parameter
Symbol
Pins
Conditions
VDD[V]
min.
typ.
max.
unit
FmCF(1)
CF1, CF2
•6MHz
(ceramic resonator
oscillation)
•Refer to figure 1
4.5 to 6.0
6
FmCF(2)
CF1, CF2
•3MHz
(ceramic resonator
oscillation)
•Refer to figure 1
4.5 to 6.0
3
FmRC
RC oscillation
4.5 to 6.0
0.3
0.8
3.0
MHz
Oscillation
frequency
range
(Note 1)
FsXtal
XT1, XT2
•32.768kHz
(crystal oscillation)
•Refer to figure 2
4.5 to 6.0
32.768
kHz
tmsCF(1)
CF1, CF2
•6MHz
(ceramic resonator
oscillation)
•Refer to figure 3
4.5 to 6.0
tmsCF(2)
CF1, CF2
•3MHz
(ceramic resonator
oscillation)
•Refer to figure 3
4.5 to 6.0
ms
Oscillation
stabilizing
time period
(Note 1)
tssXtal
XT1, XT2
•32.768kHz
(crystal oscillation)
•Refer to figure 3
4.5 to 6.0
s
(Note 1) The oscillation constant is shown on table 1 and table 2.


Similar Part No. - LC86P6449

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC86P6448 SANYO-LC86P6448 Datasheet
84Kb / 2P
   CMOS 8-Bit Single-Chip Microcomputers
More results

Similar Description - LC86P6449

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC86P6560 SANYO-LC86P6560 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P7148 SANYO-LC86P7148 Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5632 SANYO-LC86P5632 Datasheet
702Kb / 23P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6548 SANYO-LC86P6548 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5420 SANYO-LC86P5420 Datasheet
83Kb / 22P
   8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
LC86P6032 SANYO-LC86P6032 Datasheet
684Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time PROM
LC86P7248 SANYO-LC86P7248 Datasheet
651Kb / 20P
   8-Bit Single-Chip Microcontroller with the One-Time Programmable PROM Built in
LC86P4564 SANYO-LC86P4564 Datasheet
356Kb / 20P
   One-time PROM built-in 8-Bit Single Chip Microcontroller?????????
LC86P4332 SANYO-LC86P4332 Datasheet
353Kb / 19P
   One-time PROM built-in 8-Bit Single Chip Microcontroller???????
LC86E5632 SANYO-LC86E5632 Datasheet
670Kb / 21P
   8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com