Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFS408 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TFS408
Description  Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS408 Datasheet(HTML) 2 Page - Vectron International, Inc

  TFS408 Datasheet HTML 1Page - Vectron International, Inc TFS408 Datasheet HTML 2Page - Vectron International, Inc TFS408 Datasheet HTML 3Page - Vectron International, Inc TFS408 Datasheet HTML 4Page - Vectron International, Inc TFS408 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Filename: tfs 408.doc
Version 1.5
11.04.2005
VI TELEFILTER
Filter specification
TFS 408
2/5
Tele Filter GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@telefilter.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Filter characteristic
406
406.4 406.8 407.2 407.6
408
408.4 408.8 409.2 409.6
410
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
frequency in MHz
407.8
407.9
408
408.1
408.2
408.3
408.4
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
407.8
407.9
408
408.1
408.2
408.3
408.4
0.41
1.91
3.41
4.91
6.41
7.91
9.41
frequency in MHz
Construction and pin connection
(All dimensions in mm)
7
5
13
2,54
1,1
13
5
7
Date cod e
50 Ω Test circuit
7
1
2, 4, 6, 8
SAW
C1
L1
C2
L2
L3
3
5
S408
● T15
1
Input
2
Input RF return
3
External Coil
4
Ground
5
External Coil
6
Output RF return
7
Output
8
Ground
Date code:
Year + week
T
2005
U
2006
V
2007
...


Similar Part No. - TFS408

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS40 VECTRON-TFS40 Datasheet
44Kb / 3P
   Filter specification
TFS400 VECTRON-TFS400 Datasheet
53Kb / 4P
   Filter specification
TFS400A VECTRON-TFS400A Datasheet
61Kb / 4P
   Filter specification
TFS400B VECTRON-TFS400B Datasheet
50Kb / 5P
   SAW Filter Specification
TFS400C VECTRON-TFS400C Datasheet
81Kb / 5P
   SAW Filter Specification
More results

Similar Description - TFS408

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com