Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFS395 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TFS395
Description  Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS395 Datasheet(HTML) 2 Page - Vectron International, Inc

  TFS395 Datasheet HTML 1Page - Vectron International, Inc TFS395 Datasheet HTML 2Page - Vectron International, Inc TFS395 Datasheet HTML 3Page - Vectron International, Inc TFS395 Datasheet HTML 4Page - Vectron International, Inc TFS395 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Filename: tfs 395.doc
Version 1.2
22.08.2006
VI TELEFILTER
Filter specification
TFS 395
2/5
Tele Filter GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail:
tft@telefilter.com
Filter characteristic
345
355
365
375
385
395
405
415
425
435
445
-60
-54
-48
-42
-36
-30
-24
-18
-12
-6
0
frequency in MHz
383
385.4
387.8
390.2
392.6
395
397.4
399.8
402.2
404.6
407
-5
-4.5
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
frequency in MHz
383
385.4
387.8
390.2
392.6
395
397.4
399.8
402.2
404.6
407
0.295
0.37
0.445
0.52
0.595
0.67
0.745
0.82
0.895
0.97
1.045
frequency in MHz
Construction and pin connection
(All dimensions in mm)
7
5
13
2,54
1,1
13
5
7
Date code
Date code:
Year + week
U
2006
V
2007
W
2008
...
1
Ground
2
Input RF Return
3
Input
4
Ground
5
Ground
6
Output RF Return
7
Output
8
Ground
395
● U34
50 Ohm Test circuit
L1
L2
SAW
L3
L4
2
1, 4, 5, 8
6
7
3
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


Similar Part No. - TFS395

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS390B VECTRON-TFS390B Datasheet
86Kb / 5P
   Vectron International Filter specification
TFS390C VECTRON-TFS390C Datasheet
177Kb / 5P
   Filter specification
TFS390E VECTRON-TFS390E Datasheet
165Kb / 5P
   Filter specification
TFS398B VECTRON-TFS398B Datasheet
47Kb / 5P
   Filter Specification
TFS398D VECTRON-TFS398D Datasheet
174Kb / 5P
   Filter specification
More results

Similar Description - TFS395

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com