Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC86P5420 Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LC86P5420
Description  8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC86P5420 Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LC86P5420 Datasheet HTML 5Page - Sanyo Semicon Device LC86P5420 Datasheet HTML 6Page - Sanyo Semicon Device LC86P5420 Datasheet HTML 7Page - Sanyo Semicon Device LC86P5420 Datasheet HTML 8Page - Sanyo Semicon Device LC86P5420 Datasheet HTML 9Page - Sanyo Semicon Device LC86P5420 Datasheet HTML 10Page - Sanyo Semicon Device LC86P5420 Datasheet HTML 11Page - Sanyo Semicon Device LC86P5420 Datasheet HTML 12Page - Sanyo Semicon Device LC86P5420 Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
LC86P5420
No.6730-9/22
Pin name I / O
Function description
Option
PROM mode
PORT8
P80 - P83
I
•4-bit input port
TA (*4)
P84 - P87 I / O •4-bit input / output port
Input / output can be specified in
bit unit
•Other function
AD input port (AN7 to AN0)
RES
I
Reset pin
XT1 / P74
I
•Input pin for the 32.768kHz cyrstal
oscillation
•Other function
XT1 : Input port P74
In case of non use, connect to VDD
XT2 / P75
O
•Output pin for the 32.768kHz
crystal oscillation
•Other function
XT2 : Input port P75
In case of non use, connect to VDD
at using as port or unconnect at using
as oscillation.
CF1
I
Input pin for the ceramic resonator
oscillation
CF2
O
Output pin for the ceramic resonator
oscillation
s All of port options except the pull-up resistor option of Port 0 can be specified in a bit unit.
*1
Memory select input for data security
*2
Output enable input
*3
Chip enable input
*4
TA---> PROM control signal input


Similar Part No. - LC86P5420

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC86P5632 SANYO-LC86P5632 Datasheet
702Kb / 23P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
More results

Similar Description - LC86P5420

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC86P6560 SANYO-LC86P6560 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P7148 SANYO-LC86P7148 Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6449 SANYO-LC86P6449 Datasheet
653Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5632 SANYO-LC86P5632 Datasheet
702Kb / 23P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6548 SANYO-LC86P6548 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P7248 SANYO-LC86P7248 Datasheet
651Kb / 20P
   8-Bit Single-Chip Microcontroller with the One-Time Programmable PROM Built in
LC86P6032 SANYO-LC86P6032 Datasheet
684Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time PROM
LC86E5632 SANYO-LC86E5632 Datasheet
670Kb / 21P
   8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
LC86P4564 SANYO-LC86P4564 Datasheet
356Kb / 20P
   One-time PROM built-in 8-Bit Single Chip Microcontroller?????????
LC86P4332 SANYO-LC86P4332 Datasheet
353Kb / 19P
   One-time PROM built-in 8-Bit Single Chip Microcontroller???????
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com