Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC866408 Datasheet(PDF) 19 Page - Sanyo Semicon Device

Part # LC866408
Description  8-Bit Single Chip Microcontroller with the UVEPROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC866408 Datasheet(HTML) 19 Page - Sanyo Semicon Device

Back Button LC866408 Datasheet HTML 14Page - Sanyo Semicon Device LC866408 Datasheet HTML 15Page - Sanyo Semicon Device LC866408 Datasheet HTML 16Page - Sanyo Semicon Device LC866408 Datasheet HTML 17Page - Sanyo Semicon Device LC866408 Datasheet HTML 18Page - Sanyo Semicon Device LC866408 Datasheet HTML 19Page - Sanyo Semicon Device LC866408 Datasheet HTML 20Page - Sanyo Semicon Device LC866408 Datasheet HTML 21Page - Sanyo Semicon Device LC866408 Datasheet HTML 22Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
LC86E6449
No.6746-19/22
Table 1. Ceramic resonator oscillation recommended constant (main-clock)
Oscillation type
Maker
Oscillator
C1
C2
Murata
on chip
6MHz ceramic resonator
oscillation
Kyocera
Murata
on chip
3MHz ceramic resonator
oscillation
Kyocera
* Both C1 and C2 must be use K rank (±10%) and SL characteristics.
Table 2. Crystal oscillation guaranteed constant (sub-clock)
Oscillation type
Maker
Oscillator
C3
C4
Rd
32.768kHz crystal oscillation
* Both C3 and C4 must be use J rank (±5%) and CH characteristics.
(Not in need of high precision, use K rank (±10%) and SL characteristics.)
(Notes)
• Please place the oscillation-related parts as close to the oscillation pins as possible with the shortest
possible pattern length since the circuit pattern affects the oscillation frequency.
• If you use other oscillators herein, we provide no guarantee for the characteristics.
Figure 1
Main-clock circuit
Figure 2
Sub-clock circuit
Ceramic resonator oscillation
Crystal oscillation
CF1
CF2
C2
C1
CF
Rd
XT1
XT2
C4
C3
X’tal


Similar Part No. - LC866408

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC866408 SANYO-LC866408 Datasheet
653Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC866408A SANYO-LC866408A Datasheet
2Mb / 22P
   8-Bit Single Chip Microcontroller???
LC866408A SANYO-LC866408A Datasheet
84Kb / 2P
   CMOS 8-Bit Single-Chip Microcomputers
LC866408B SANYO-LC866408B Datasheet
660Kb / 21P
   8-Bit Single Chip Microcontroller
More results

Similar Description - LC866408

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC86E6548 SANYO-LC86E6548 Datasheet
631Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E7248 SANYO-LC86E7248 Datasheet
622Kb / 19P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E7148 SANYO-LC86E7148 Datasheet
637Kb / 20P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E6560 SANYO-LC86E6560 Datasheet
632Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E5632 SANYO-LC86E5632 Datasheet
670Kb / 21P
   8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
LC86E4448 SANYO-LC86E4448 Datasheet
360Kb / 20P
   UVEPROM built-in 8-Bit Single Chip Microcontroller????
LC65E1104 SANYO-LC65E1104 Datasheet
265Kb / 19P
   On-Chip UVEPROM 4-Bit Single-Chip Microcontroller
LC72E32 SANYO-LC72E32 Datasheet
362Kb / 15P
   Single-Chip Microcontroller Plus PLL LSI with On-Chip UVEPROM
LC86P5420 SANYO-LC86P5420 Datasheet
83Kb / 22P
   8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com