Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC866408 Datasheet(PDF) 18 Page - Sanyo Semicon Device

Part # LC866408
Description  8-Bit Single Chip Microcontroller with the UVEPROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC866408 Datasheet(HTML) 18 Page - Sanyo Semicon Device

Back Button LC866408 Datasheet HTML 14Page - Sanyo Semicon Device LC866408 Datasheet HTML 15Page - Sanyo Semicon Device LC866408 Datasheet HTML 16Page - Sanyo Semicon Device LC866408 Datasheet HTML 17Page - Sanyo Semicon Device LC866408 Datasheet HTML 18Page - Sanyo Semicon Device LC866408 Datasheet HTML 19Page - Sanyo Semicon Device LC866408 Datasheet HTML 20Page - Sanyo Semicon Device LC866408 Datasheet HTML 21Page - Sanyo Semicon Device LC866408 Datasheet HTML 22Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
LC86E6449
No.6746-18/22
Ratings
Parameter
Symbol
Pins
Conditions
VDD[V]
min.
typ.
max.
unit
IDDHALT(1)
•HALT mode
•FmCF=6MHz
Ceramic resonator
oscillation
•FsXtal=32.768kHz
crystal oscillation
•System clock :
CF oscillation
•Internal RC
oscillation stops
•1/1 divided
4.5 to 6.0
5
14
IDDHALT(2)
•HALT mode
•FmCF=3MHz
Ceramic resonator
oscillation
•FsXtal=32.768kHz
crystal oscillation
•System clock :
CF oscillation
•Internal RC
oscillation stops
•1/2 divided
4.5 to 6.0
2.2
7
mA
IDDHALT(3)
•HALT mode
FmCF=0Hz
(The oscillation
stops)
•FsXtal=32.768kHz
crystal oscillation
•System clock :
RC oscillation
•1/2 divided
4.5 to 6.0
400
1600
Current dissipation
in HALT mode
(Note 4)
IDDHALT(4)
•HALT mode
FmCF=0Hz
(The oscillation
stops)
•FsXtal=32.768kHz
crystal oscillation
•System clock :
crystal oscillation
•Internal RC
oscillation stops
•1/2 divided
4.5 to 6.0
25
100
Current dissipation
in HOLD mode
(Note 4)
IDDHOLD(1)
HOLD mode
4.5 to 6.0
0.05
30
µA
(Note 4) The currents of the output transistors and the pull-up MOS transistors are ignored.


Similar Part No. - LC866408

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC866408 SANYO-LC866408 Datasheet
653Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC866408A SANYO-LC866408A Datasheet
2Mb / 22P
   8-Bit Single Chip Microcontroller???
LC866408A SANYO-LC866408A Datasheet
84Kb / 2P
   CMOS 8-Bit Single-Chip Microcomputers
LC866408B SANYO-LC866408B Datasheet
660Kb / 21P
   8-Bit Single Chip Microcontroller
More results

Similar Description - LC866408

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC86E6548 SANYO-LC86E6548 Datasheet
631Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E7248 SANYO-LC86E7248 Datasheet
622Kb / 19P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E7148 SANYO-LC86E7148 Datasheet
637Kb / 20P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E6560 SANYO-LC86E6560 Datasheet
632Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E5632 SANYO-LC86E5632 Datasheet
670Kb / 21P
   8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
LC86E4448 SANYO-LC86E4448 Datasheet
360Kb / 20P
   UVEPROM built-in 8-Bit Single Chip Microcontroller????
LC65E1104 SANYO-LC65E1104 Datasheet
265Kb / 19P
   On-Chip UVEPROM 4-Bit Single-Chip Microcontroller
LC72E32 SANYO-LC72E32 Datasheet
362Kb / 15P
   Single-Chip Microcontroller Plus PLL LSI with On-Chip UVEPROM
LC86P5420 SANYO-LC86P5420 Datasheet
83Kb / 22P
   8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com